Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9119-MIX-EBZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9119-MIX-EBZ
Szczegółowy opis  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9119-MIX-EBZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD9119-MIX-EBZ Datasheet HTML 3Page - Analog Devices AD9119-MIX-EBZ Datasheet HTML 4Page - Analog Devices AD9119-MIX-EBZ Datasheet HTML 5Page - Analog Devices AD9119-MIX-EBZ Datasheet HTML 6Page - Analog Devices AD9119-MIX-EBZ Datasheet HTML 7Page - Analog Devices AD9119-MIX-EBZ Datasheet HTML 8Page - Analog Devices AD9119-MIX-EBZ Datasheet HTML 9Page - Analog Devices AD9119-MIX-EBZ Datasheet HTML 10Page - Analog Devices AD9119-MIX-EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 7 of 68
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
DCI, DCO to VSS
−0.3 V to VDD + 0.3 V
LVDS Data Inputs to VSS
−0.3 V to VDD + 0.3 V
IOUTP, IOUTN to VSSA
VSSA − 0.3V to +2.5V
I250U, VREF to VSSA
VSSA − 0.3 V to VDDA + 0.3 V
IRQ, CS, SCLK, SDO, SDIO, RESET,
SYNC to VSS
−0.3 V to VDD + 0.3 V
Junction Temperature
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
160-Ball CSP_BGA
31.2
7.0
°C/W1
1
With no airflow movement.
ESD CAUTION


Podobny numer części - AD9119-MIX-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9119-MIX-EBZ AD-AD9119-MIX-EBZ Datasheet
2Mb / 66P
   RF Digital-to-Analog Converter
More results

Podobny opis - AD9119-MIX-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9217 AD-AD9217 Datasheet
71Kb / 2P
   12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
AD9161 AD-AD9161 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9699 AD-AD9699 Datasheet
7Mb / 121P
   14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com