Zakładka z wyszukiwarką danych komponentów |
|
AD9129-MIX-EBZ Arkusz danych(PDF) 7 Page - Analog Devices |
|
AD9129-MIX-EBZ Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 68 page Data Sheet AD9119/AD9129 Rev. 0 | Page 7 of 68 ABSOLUTE MAXIMUM RATINGS Table 6. Parameter Rating DCI, DCO to VSS −0.3 V to VDD + 0.3 V LVDS Data Inputs to VSS −0.3 V to VDD + 0.3 V IOUTP, IOUTN to VSSA VSSA − 0.3V to +2.5V I250U, VREF to VSSA VSSA − 0.3 V to VDDA + 0.3 V IRQ, CS, SCLK, SDO, SDIO, RESET, SYNC to VSS −0.3 V to VDD + 0.3 V Junction Temperature 150°C Operating Temperature Range −40°C to +85°C Storage Temperature Range −65°C to +150°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE θJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages. Table 7. Thermal Resistance Package Type θJA θJC Unit 160-Ball CSP_BGA 31.2 7.0 °C/W1 1 With no airflow movement. ESD CAUTION |
Podobny numer części - AD9129-MIX-EBZ |
|
Podobny opis - AD9129-MIX-EBZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |