Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9129-MIX-EBZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9129-MIX-EBZ
Szczegółowy opis  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9129-MIX-EBZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9129-MIX-EBZ Datasheet HTML 7Page - Analog Devices AD9129-MIX-EBZ Datasheet HTML 8Page - Analog Devices AD9129-MIX-EBZ Datasheet HTML 9Page - Analog Devices AD9129-MIX-EBZ Datasheet HTML 10Page - Analog Devices AD9129-MIX-EBZ Datasheet HTML 11Page - Analog Devices AD9129-MIX-EBZ Datasheet HTML 12Page - Analog Devices AD9129-MIX-EBZ Datasheet HTML 13Page - Analog Devices AD9129-MIX-EBZ Datasheet HTML 14Page - Analog Devices AD9129-MIX-EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 11 of 68
Pin No.
Mnemonic
Description
A12, A13, A14, B12, B13, C11,
C12, D5, D6, D8, D9, D10, D11,
E3, E4, F1, F2, F3, F4, G4
VSSC
Analog Supply Return.
A6
IOUTP
DAC Positive Current Output Source.
A7
IOUTN
DAC Negative Current Output Source.
B14
SYNC
Synchronization Signal Output.
C1, D1
DACCLK_N, DACCLK_P
Negative/Positive DAC Clock Input.
H1
RESET
Reset Input. Active high. If unused, tie this pin to VSS.
H2
IRQ
Interrupt Request Open-Drain Output. Active high. Pull up this pin to VDD
with a 1 kΩ resistor.
J1
SDIO
Serial Port Data Input/Output.
J2
SDO
Serial Port Data Output.
K1
SCLK
Serial Port Clock Input.
K2
CS
Serial Port Enable Input.
K3, K4
DCI_P, DCI_N
Positive, Negative Data Clock Input (DCI).
K11, K12
DCO_P, DCO_N
Positive, Negative Data Clock Output (DCO).
K13, K14
FRM_P, FRM_N
Positive, Negative Data Frame/Parity Signal (FRAME/PARITY).
L1, M1
P1_D0P, P1_D0N
Data Port 1 Positive/Negative Data Input Bit 0.
L2, M2
P1_D1P, P1_D1N
Data Port 1 Positive/Negative Data Input Bit 1.
L3, M3
P1_D2P, P1_D2N
Data Port 1 Positive/Negative Data Input Bit 2.
L4, M4
P1_D3P, P1_D3N
Data Port 1 Positive/Negative Data Input Bit 3.
L5, M5
P1_D4P, P1_D4N
Data Port 1 Positive/Negative Data Input Bit 4.
L6, M6
P1_D5P, P1_D5N
Data Port 1 Positive/Negative Data Input Bit 5.
L7, M7
P1_D6P, P1_D6N
Data Port 1 Positive/Negative Data Input Bit 6.
L8, M8
P1_D7P, P1_D7N
Data Port 1 Positive/Negative Data Input Bit 7.
L9, M9
P1_D8P, P1_D8N
Data Port 1 Positive/Negative Data Input Bit 8.
L10, M10
P1_D9P, P1_D9N
Data Port 1 Positive/Negative Data Input Bit 9.
L11, M11
P1_D10P, P1_D10N
Data Port 1 Positive/Negative Data Input Bit 10.
L12,M12
P1_D11P, P1_D11N
Data Port 1 Positive/Negative Data Input Bit 11.
L13, M13
P1_D12P, P1_D12N
Data Port 1 Positive/Negative Data Input Bit 12.
L14, M14
P1_D13P, P1_D13N
Data Port 1 Positive/Negative Data Input Bit 13.
N1, P1
P0_D0P, P0_D0N
Data Port 0 Positive/Negative Data Input Bit 0.
N2, P2
P0_D1P, P0_D1N
Data Port 0 Positive/Negative Data Input Bit 1.
N3, P3
P0_D2P, P0_D2N
Data Port 0 Positive/Negative Data Input Bit 2.
N4, P4
P0_D3P, P0_D3N
Data Port 0 Positive/Negative Data Input Bit 3.
N5, P5
P0_D4P, P0_D4N
Data Port 0 Positive/Negative Data Input Bit 4.
N6, P6
P0_D5P, P0_D5N
Data Port 0 Positive/Negative Data Input Bit 5.
N7, P7
P0_D6P, P0_D6N
Data Port 0 Positive/Negative Data Input Bit 6.
N8, P8
P0_D7P, P0_D7N
Data Port 0 Positive/Negative Data Input Bit 7.
N9, P9
P0_D8P, P0_D8N
Data Port 0 Positive/Negative Data Input Bit 8.
N10, P10
P0_D9P, P0_D9N
Data Port 0 Positive/Negative Data Input Bit 9.
N11, P11
P0_D10P, P0_D10N
Data Port 0 Positive/Negative Data Input Bit 10.
N12, P12
P0_D11P, P0_D11N
Data Port 0 Positive/Negative Data Input Bit 11.
N13, P13
P0_D12P, P0_D12N
Data Port 0 Positive/Negative Data Input Bit 12.
N14, P14
P0_D13P, P0_D13N
Data Port 0 Positive/Negative Data Input Bit 13.


Podobny numer części - AD9129-MIX-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9129-MIX-EBZ AD-AD9129-MIX-EBZ Datasheet
2Mb / 66P
   RF Digital-to-Analog Converter
More results

Podobny opis - AD9129-MIX-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9217 AD-AD9217 Datasheet
71Kb / 2P
   12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
AD9161 AD-AD9161 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9699 AD-AD9699 Datasheet
7Mb / 121P
   14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com