Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT899CSC Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części 74ABT899CSC
Szczegółowy opis  9-Bit Latchable Transceiver with Parity Generator/Checker
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT899CSC Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button 74ABT899CSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT899CSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT899CSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT899CSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT899CSC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT899CSC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT899CSC Datasheet HTML 9Page - Fairchild Semiconductor 74ABT899CSC Datasheet HTML 10Page - Fairchild Semiconductor 74ABT899CSC Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
www.fairchildsemi.com
Extended AC Electrical Characteristics
(SOIC and PLCC Package)
Note 9: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase (i.e., all LOW-to-
HIGH, HIGH-to-LOW, etc.).
Note 10: This specification is guaranteed but not tested. The limits represent propagation delay with 250 pF load capacitors in place of the 50 pF load capac-
itors in the standard AC load. This specification pertains to single output switching only.
Note 11: This specification is guaranteed but not tested. The limits represent propagation delays for all paths described switching in phase (i.e., all LOW-to-
HIGH, HIGH-to-LOW, etc.) with 250 pF load capacitors in place of the 50 pF load capacitors in the standard AC load
Note 12: The 3-STATE delay time is dominated by the RC network (500
Ω, 250 pF) on the output and has been excluded from the datasheet.
Note 13: Not applicable for multiple output switching.
Symbol
Parameter
TA = +25°CTA = −40°C to +85°CTA = −40°C to +85°C
Units
VCC = +5.0V
VCC = 4.5V–5.5V
VCC = 4.5V–5.5V
CL = 50 pF
CL = 250 pF
CL = 250 pF
9 Outputs Switching
1 Output Switching
9 Outputs Switching
(Note 9)
(Note 10)
(Note 11)
Min
Typ
Max
Min
Max
Min
Max
fTOGGLE
Max Toggle Frequency
100
MHz
tPLH
Propagation Delay
1.5
6.2
2.0
7.2
2.5
9.5
ns
tPHL
An to Bn
1.5
6.2
2.0
7.2
2.5
9.5
tPLH
Propagation Delay
1.5
6.8
2.0
8.0
2.5
10.0
ns
tPHL
APAR to BPAR
1.5
6.8
2.0
8.0
2.0
10.0
tPLH
Propagation Delay
2.5
10.0
3.0
12.5
3.5
13.5
ns
tPHL
An, Bn to BPAR, APAR
2.5
10.0
3.0
12.5
3.5
13.5
tPLH
Propagation Delay
(Note 13)
3.0
12.0
(Note 13)
ns
tPHL
An, Bn to ERRA, ERRB
3.0
12.0
tPLH
Propagation Delay
(Note 13)
2.0
9.0
(Note 13)
ns
tPHL
APAR, BPAR to ERRA, ERRB
2.0
9.0
tPLH
Propagation Delay
(Note 13)
2.5
9.9
(Note 13)
ns
tPHL
ODD/EVEN to APAR, BPAR
2.5
9.9
tPLH
Propagation Delay
(Note 13)
2.0
8.8
(Note 13)
ns
tPHL
ODD/EVEN to ERRA, ERRB
2.0
8.8
tPLH
Propagation Delay
(Note 13)
2.0
9.5
(Note 13)
ns
tPHL
SEL to APAR, BPAR
2.0
9.5
tPLH
Propagation Delay
1.5
5.7
2.0
7.9
2.5
10.0
ns
tPHL
LEA, LEB to Bn, An
1.5
5.7
2.0
7.9
2.5
10.0
tPLH
Propagation Delay
1.5
9.5
2.0
12.0
2.5
13.0
ns
tPHL
LEA, LEB to BPAR, APAR
1.5
9.5
2.0
12.0
2.5
13.0
tPLH
Propagation Delay
(Note 13)
2.0
11.5
(Note 13)
ns
tPHL
LEA, LEB to ERRA, ERRB
2.0
11.5
tPZH
Output enable time
1.5
7.0
2.0
8.5
2.5
10.5
tPZL
GBA or GAB to An,
1.5
7.0
2.0
8.5
2.5
10.5
ns
APAR or Bn, BPAR
tPHZ
Output disable time
1.0
6.5
tPLZ
GBA or GAB to An,
1.0
6.5
(Note 12)
(Note 12)
ns
APAR or Bn, BPAR


Podobny numer części - 74ABT899CSC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT899 PHILIPS-74ABT899 Datasheet
123Kb / 16P
   9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
74ABT899A PHILIPS-74ABT899A Datasheet
123Kb / 16P
   9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
74ABT899D PHILIPS-74ABT899D Datasheet
123Kb / 16P
   9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
74ABT899DB PHILIPS-74ABT899DB Datasheet
123Kb / 16P
   9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
More results

Podobny opis - 74ABT899CSC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com