Zakładka z wyszukiwarką danych komponentów |
|
74AC02SCX_NLX Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
74AC02SCX_NLX Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 7 page www.fairchildsemi.com 2 Absolute Maximum Ratings(Note 2) Recommended Operating Conditions Note 2: Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met, with- out exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation of FACT ¥ circuits outside databook specifications. DC Electrical Characteristics for AC Note 3: All outputs loaded; thresholds on input associated with output under test. Note 4: Maximum test duration 2.0 ms, one output loaded at a time. Note 5: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC. Supply Voltage (VCC) 0.5V to 7.0V DC Input Diode Current (IIK) VI 0.5V 20 mA VI VCC 0.5V 20 mA DC Input Voltage (VI) 0.5V to VCC 0.5V DC Output Diode Current (IOK) VO 0.5V 20 mA VO VCC 0.5V 20 mA DC Output Voltage (VO) 0.5V to VCC 0.5V DC Output Source or Sink Current (IO) r50 mA DC VCC or Ground Current per Output Pin (ICC or IGND) r50 mA Storage Temperature (TSTG) 65qC to 150qC Junction Temperature (TJ) PDIP 140 qC Supply Voltage (VCC) AC 2.0V to 6.0V ACT 4.5V to 5.5V Input Voltage (VI)0V to VCC Output Voltage (VO)0V to VCC Operating Temperature (TA) 40qC to 85qC Minimum Input Edge Rate ( 'V/'t) AC Devices VIN from 30% to 70% of VCC VCC @ 3.3V, 4.5V, 5.5V 125 mV/ns Minimum Input Edge Rate ( 'V/'t) ACT Devices VIN from 0.8V to 2.0V VCC @ 4.5V, 5.5V 125 mV/ns Symbol Parameter VCC TA 25qCTA 40qC to 85qC Units Conditions (V) Typ Guaranteed Limits VIH Minimum HIGH Level 3.0 1.5 2.1 2.1 V VOUT 0.1V Input Voltage 4.5 2.25 3.15 3.15 or VCC 0.1V 5.5 2.75 3.85 3.85 VIL Maximum LOW Level 3.0 1.5 0.9 0.9 V VOUT 0.1V Input Voltage 4.5 2.25 1.35 1.35 or VCC 0.1V 5.5 2.75 1.65 1.65 VOH Minimum HIGH Level 3.0 2.99 2.9 2.9 V Output Voltage 4.5 4.49 4.4 4.4 IOUT 50 PA 5.5 5.49 5.4 5.4 VIN VIL or VIH 3.0 2.56 2.46 V IOH 12 mA 4.5 3.86 3.76 IOH 24 mA 5.5 4.86 4.76 IOH 24 mA (Note 3) VOL Maximum LOW Level 3.0 0.002 0.1 0.1 V IOUT 50 PA Output Voltage 4.5 0.001 0.1 0.1 5.5 0.001 0.1 0.1 VIN VIL or VIH 3.0 0.36 0.44 V IOL 12 mA 4.5 0.36 0.44 IOL 24 mA 5.5 0.36 0.44 IOL 24 mA (Note 3) IIN (Note 5) Maximum Input Leakage Current 5.5 r0.1 r1.0 PAVI VCC, GND IOLD Minimum Dynamic 5.5 75 mA VOLD 1.65V Max IOHD Output Current (Note 4) 5.5 75 mA VOHD 3.85V Min ICC Maximum Quiescent 5.5 2.0 20.0 PA VIN VCC (Note 5) Supply Current or GND |
Podobny numer części - 74AC02SCX_NLX |
|
Podobny opis - 74AC02SCX_NLX |