Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC138 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74HC138
Szczegółowy opis  3-to-8 line decoder/demultiplexer; inverting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC138 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74HC138_12 Datasheet HTML 1Page - NXP Semiconductors 74HC138_12 Datasheet HTML 2Page - NXP Semiconductors 74HC138_12 Datasheet HTML 3Page - NXP Semiconductors 74HC138_12 Datasheet HTML 4Page - NXP Semiconductors 74HC138_12 Datasheet HTML 5Page - NXP Semiconductors 74HC138_12 Datasheet HTML 6Page - NXP Semiconductors 74HC138_12 Datasheet HTML 7Page - NXP Semiconductors 74HC138_12 Datasheet HTML 8Page - NXP Semiconductors 74HC138_12 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74HC138; 74HCT138 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL).
The 74HC138; 74HCT138 decoder accepts three binary weighted address inputs (A0, A1
and A3) and when enabled, provides 8 mutually exclusive active LOW outputs (Y0to Y7).
The 74HC138; 74HCT138 features three enable inputs: two active LOW (E1 and E2) and
one active HIGH (E3). Every output is HIGH unless E1 and E2 are LOW and E3 is HIGH.
This multiple enable function allows easy parallel expansion of the 74HC138; 74HCT138
to a 1-of-32 (5 lines to 32 lines) decoder with just four 74HC138; 74HCT138 ICs and one
inverter.
The 74HC138; 74HCT138 can be used as an eight output demultiplexer by using one of
the active LOW enable inputs as the data input and the remaining enable inputs as
strobes. Permanently tie unused enable inputs to their appropriate active HIGH- or
LOW-state.
The 74HC138; 74HCT138 is identical to the 74HC238; 74HCT238 but has inverting
outputs.
2.
Features and benefits
Demultiplexing capability
Multiple input enable for easy expansion
Complies with JEDEC standard no. 7A
Ideal for memory chip select decoding
Active LOW mutually exclusive outputs
ESD protection:
HBM EIA/JESD22-A114F exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V
Multiple package options
Specified from
−40 °Cto+85 °C and from −40 °Cto+125 °C
74HC138; 74HCT138
3-to-8 line decoder/demultiplexer; inverting
Rev. 4 — 27 June 2012
Product data sheet


Podobny numer części - 74HC138_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74HC138S16 DIODES-74HC138S16 Datasheet
193Kb / 10P
   3 TO 8 LINE DECODER DEMULTIPLEXER
74HC138S16-13 DIODES-74HC138S16-13 Datasheet
193Kb / 10P
   3 TO 8 LINE DECODER DEMULTIPLEXER
74HC138T16 DIODES-74HC138T16 Datasheet
193Kb / 10P
   3 TO 8 LINE DECODER DEMULTIPLEXER
74HC138T16-13 DIODES-74HC138T16-13 Datasheet
193Kb / 10P
   3 TO 8 LINE DECODER DEMULTIPLEXER
More results

Podobny opis - 74HC138_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
logo
NXP Semiconductors
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74HC138D NXP-74HC138D Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com