Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACQ241 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74ACQ241
Szczegółowy opis  Octal Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ241 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74ACQ241 Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ241 Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ241 Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ241 Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ241 Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ241 Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ241 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
January 1990
Revised September 1998
© 1998 Fairchild Semiconductor Corporation
DS010642.prf
www.fairchildsemi.com
74ACQ241
Octal Buffer/Line Driver with 3-STATE Outputs
General Description
The ACQ241 is an octal buffer and line driver designed to
be employed as a memory address driver, clock driver and
bus oriented transmitter or receiver which provides
improved PC board density. The ACQ utilizes Fairchild
FACT Quiet Series
™ technology to guarantee quiet output
switching and improved dynamic threshold performance.
FACT Quiet Series features GTO
™ output control and
undershoot corrector in addition to a split ground bus for
superior performance.
Features
s ICC and IOZ reduced by 50%
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed pin-to-pin skew AC performance
s Improved latch-up immunity
s 3-STATE outputs drive bus lines or buffer memory
address registers
s Outputs source/sink 24 mA
s Faster prop delays than the standard AC
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Assignment for DIP and SOIC
Pin Descriptions
Truth Tables
H
= HIGH Voltage Level
X
= Immaterial
L
= LOW Voltage Level
Z
= High Impedance
FACT
™, FACT Quiet Series™, and GTO™ are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACQ241SC
M20B
20-Lead Small Outline Integrated Circuit, JEDEC MS-013, 0.300” Wide Body
74ACQ241PC
N20A
20-Lead Plastic Dual-In-Line Package, JEDEC MS-001, 0.300” Wide
Pin Names
Description
OE1, OE2
3-STATE Output Enable Inputs
I0–I7
Inputs
O0–O7
Outputs
Inputs
Outputs
OE1
In
(Pins 12, 14, 16, 18)
LL
L
LH
H
HX
Z
Inputs
Outputs
OE2
In
(Pins 3, 5, 7, 9)
HL
L
HH
H
HX
Z


Podobny numer części - 74ACQ241

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACQ241 FAIRCHILD-74ACQ241 Datasheet
197Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ241SC FAIRCHILD-74ACQ241SC Datasheet
197Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ241 FAIRCHILD-74ACQ241_07 Datasheet
197Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Podobny opis - 74ACQ241

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com