Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACQ245 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74ACQ245
Szczegółowy opis  Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ245 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74ACQ245 Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ245 Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ245 Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ245 Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ245 Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ245 Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ245 Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ245 Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ245 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
©1989 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ245, 74ACTQ245 Rev. 1.4
5
DC Electrical Characteristics for ACTQ
Notes:
7. All outputs loaded; thresholds on input associated with output under test.
8. Maximum test duration 2.0ms, one output loaded at a time.
9. Max number of outputs defined as (n). n–1 Data Inputs are driven 0V to 3V; one output @ GND.
10. Max number of Data Inputs (n) switching. (n–1) Inputs switching 0V to 3V (ACTQ). Input-under-test switching:
3V to threshold (VILD), 0V to threshold (VIHD) f = 1 MHz.
Symbol
Parameter
VCC (V)
Conditions
TA = +25°C TA = –40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH Level
Input Voltage
4.5
VOUT = 0.1V or
VCC – 0.1V
1.5
2.0
2.0
V
5.5
1.5
2.0
2.0
VIL
Maximum LOW Level
Input Voltage
4.5
VOUT = 0.1V or
VCC – 0.1V
1.5
0.8
0.8
V
5.5
1.5
0.8
0.8
VOH
Minimum HIGH Level
Output Voltage
4.5
IOUT = –50µA
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
VIN = VIL or VIH:
4.5
IOH = –24mA
3.86
3.76
5.5
IOH = –24mA
(7)
4.86
4.76
VOL
Maximum LOW Level
Output Voltage
4.5
IOUT = 50µA
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
VIN = VIL or VIH:
4.5
IOL = 24mA
0.36
0.44
5.5
IOL = 24mA
(7)
0.36
0.44
IIN
Maximum Input Leakage
Current
5.5
VI = VCC, GND
±0.1
±1.0
µA
IOZT
Maximum 3-STATE
Leakage Current
5.5
VI = VIL, VIH,
VO = VCC, GND
±0.3
±3.0
µA
ICCT
Maximum ICC/Input
5.5
VI = VCC – 2.1V
0.6
1.5
mA
IOLD
Minimum Dynamic
5.5
VOLD = 1.65V Max.
75
mA
IOHD
Output Current(8)
5.5
VOHD = 3.85V Min.
–75
mA
ICC
Maximum Quiescent
Supply Current
5.5
VIN = VCC or GND
4.0
40.0
µA
VOLP
Quiet Output Maximum
Dynamic VOL
5.0
Figures 1 & 2(9)
1.1
1.5
V
VOLV
Quiet Output Minimum
Dynamic VOL
5.0
Figures 1 & 2(9)
–0.6
–1.2
V
VIHD
Minimum HIGH Level
Dynamic Input Voltage
5.0
(10)
1.9
2.2
V
VILD
Maximum LOW Level
Dynamic Input Voltage
5.0
(10)
1.2
0.8
V


Podobny numer części - 74ACQ245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACQ245 FAIRCHILD-74ACQ245 Datasheet
461Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACQ245 FAIRCHILD-74ACQ245 Datasheet
144Kb / 11P
   Quiet Series Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACQ245SC FAIRCHILD-74ACQ245SC Datasheet
461Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACQ245SJ FAIRCHILD-74ACQ245SJ Datasheet
461Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACQ245 FAIRCHILD-74ACQ245_08 Datasheet
461Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results

Podobny opis - 74ACQ245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACTQ245PC FAIRCHILD-74ACTQ245PC Datasheet
144Kb / 11P
   Quiet Series Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACQ245 FAIRCHILD-74ACQ245_08 Datasheet
461Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
National Semiconductor ...
54ACQ245 NSC-54ACQ245 Datasheet
153Kb / 8P
   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
Texas Instruments
54ACQ245 TI1-54ACQ245 Datasheet
198Kb / 10P
[Old version datasheet]   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_10 Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com