Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACQ543 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 74ACQ543
Szczegółowy opis  Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ543 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  74ACQ543 Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ543 Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ543 Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ543 Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ543 Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ543 Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ543 Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ543 Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ543 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Logic Symbols
IEEE/IEC
Functional Description
The ACQ/ACTQ543 contains two sets of eight D-type
latches, with separate input and output controls for each
set. For data flow from A to B, for example, the A-to-B
Enable (CEAB) input must be LOW in order to enter data
from A0–A7 or take data from B0–B7, as indicated in the
Data I/O Control Table. With CEAB LOW, a LOW signal on
the A-to-B Latch Enable (LEAB) input makes the A-to-B
latches transparent; a subsequent LOW-to-HIGH transition
of the LEAB signal puts the A latches in the storage mode
and their outputs no longer change with the A inputs. With
CEAB and OEAB both LOW, the 3-STATE B output buffers
are active and reflect the data present at the output of the A
latches. Control of data flow from B to A is similar, but using
the CEBA, LEBA and OEBA inputs
Data I/O Control Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
A-to-B data flow shown; B-to-A flow control is the same, except using
CEBA, LEBA and OEBA
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Inputs
Latch Status
Output Buffers
CEAB
LEAB
OEAB
H
X
X
Latched
High Z
X
H
X
Latched
L
L
X
Transparent
XX
H
High Z
LX
L
Driving


Podobny numer części - 74ACQ543

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACQ544 FAIRCHILD-74ACQ544 Datasheet
86Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
More results

Podobny opis - 74ACQ543

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACQ544 FAIRCHILD-74ACQ544 Datasheet
86Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ543 NSC-54ACTQ543 Datasheet
156Kb / 10P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
54ACTQ544 NSC-54ACTQ544 Datasheet
144Kb / 8P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ646 NSC-54ACTQ646 Datasheet
186Kb / 9P
   Quiet Series Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI1-SN74F543_15 Datasheet
506Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI1-SN74LVC543A_16 Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com