Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACQ573SC Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części 74ACQ573SC
Szczegółowy opis  Quiet Series Octal Latch with 3-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ573SC Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  74ACQ573SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ573SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ573SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ573SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ573SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ573SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ573SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ573SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ573SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature, and output/input loading variables. Fairchild does not
recommend operation of FACT
 circuits outside databook specifications.
DC Electrical Characteristics for ACQ
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (IO)
±50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
±50 mA
Storage Temperature (TSTG)
−65°C to +150°C
DC Latchup Source
or Sink Current
±300 mA
Junction Temperature (TJ)
PDIP
140
°C
Supply Voltage (VCC)
ACQ
2.0V to 6.0V
ACTQ
4.5V to 5.5V
Input Voltage (VI)0V to VCC
Output Voltage (VO)0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate
∆V/∆t
ACQ Devices
VIN from 30% to 70% of VCC
VCC @ 3.0V, 4.5V, 5.5V
125 mV/ns
Minimum Input Edge Rate
∆V/∆t
ACTQ Devices
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
125 mV/ns
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
3.0
1.5
2.1
2.1
VOUT = 0.1V
Input Voltage
4.5
2.25
3.15
3.15
V
or VCC − 0.1V
5.5
2.75
3.85
3.85
VIL
Maximum LOW Level
3.0
1.5
0.9
0.9
VOUT = 0.1V
Input Voltage
4.5
2.25
1.35
1.35
V
or VCC − 0.1V
5.5
2.75
1.65
1.65
VOH
Minimum HIGH Level
3.0
2.99
2.9
2.9
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 µA
5.55.495.4
5.4
VIN = VIL or VIH
3.0
2.56
2.46
IOH = −12 mA
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 2)
VOL
Maximum LOW Level
3.0
0.002
0.1
0.1
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 µA
5.5
0.001
0.1
0.1
VIN = VIL or VIH
3.0
0.36
0.44
IOL = 12 mA
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 2)
IIN (Note 4) Maximum Input Leakage Current
5.5
± 0.1
± 1.0
µAV
I = VCC, GND
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65 VMax
IOHD
Output Current (Note 3)
5.5
−75
mA
VOHD = 3.85 VMin
ICC (Note 4) Maximum Quiescent Supply Current
5.5
4.0
40.0
µAV
IN = VCC or GND
IOZ
Maximum 3-STATE
VI (OE) = VIL, VIH
Leakage Current
5.5
±0.25
±2.5
µAV
I = VCC, GND
VO = VCC, GND
VOLP
Quiet Output
5.0
1.1
1.5
V
Figures 1, 2
Maximum Dynamic VOL
(Note 5)(Note 6)


Podobny numer części - 74ACQ573SC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACQ573SC FAIRCHILD-74ACQ573SC Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACQ573SCX FAIRCHILD-74ACQ573SCX Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
More results

Podobny opis - 74ACQ573SC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573_07 Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACTQ563 FAIRCHILD-74ACTQ563 Datasheet
58Kb / 7P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373 Datasheet
96Kb / 10P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
74ACTQ533 FAIRCHILD-74ACTQ533 Datasheet
93Kb / 8P
   Quiet Series Octal Transparent Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373_07 Datasheet
311Kb / 13P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com