Zakładka z wyszukiwarką danych komponentów |
|
74ACTQ240SCX Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
74ACTQ240SCX Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 10 page © 2000 Fairchild Semiconductor Corporation DS010234 www.fairchildsemi.com July 1989 Revised October 2000 74ACQ240 • 74ACTQ240 Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs General Description The ACQ/ACTQ240 is an inverting octal buffer and line driver designed to be employed as a memory address driver, clock driver and bus oriented transmitter or receiver which provides improved PC board density. The ACQ/ ACTQ utilizes Fairchild’s Quiet Series technology to guarantee quiet output switching and improve dynamic threshold performance. FACT Quiet Series features GTO output control and undershoot corrector in addition to a split ground bus for superior performance. Features s ICC and IOZ reduced by 50% s Guaranteed simultaneous switching noise level and dynamic threshold performance s Guaranteed pin-to-pin skew AC performance s Improved latch-up immunity s Inverting 3-STATE outputs drive bus lines or buffer memory address registers s Outputs source/sink 24 mA s Faster prop delays than the standard ACT240 Ordering Code: Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code. Connection Diagram Pin Descriptions FACT , Quiet Series, FACT Quiet Series, and GTO are trademarks of Fairchild Semiconductor Corporation. Order Number Package Number Package Description 74ACQ240SC M20B 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 74ACQ240SJ M20D 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 74ACQ240PC N20A 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide 74ACTQ240SC M20B 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 74ACTQ240SJ M20D 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 74ACTQ240QSC MQA20 20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150 Wide 74ACTQ240PC N20A 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Pin Names Description OE1, OE2 3-STATE Output Enable Inputs I0–I7 Inputs O0–O7 Outputs |
Podobny numer części - 74ACTQ240SCX |
|
Podobny opis - 74ACTQ240SCX |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |