Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMSF3P03HD Arkusz danych(PDF) 9 Page - Motorola, Inc

Numer części MMSF3P03HD
Szczegółowy opis  SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF3P03HD Arkusz danych(HTML) 9 Page - Motorola, Inc

Back Button MMSF3P03HD Datasheet HTML 2Page - Motorola, Inc MMSF3P03HD Datasheet HTML 3Page - Motorola, Inc MMSF3P03HD Datasheet HTML 4Page - Motorola, Inc MMSF3P03HD Datasheet HTML 5Page - Motorola, Inc MMSF3P03HD Datasheet HTML 6Page - Motorola, Inc MMSF3P03HD Datasheet HTML 7Page - Motorola, Inc MMSF3P03HD Datasheet HTML 8Page - Motorola, Inc MMSF3P03HD Datasheet HTML 9Page - Motorola, Inc MMSF3P03HD Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MMSF3P03HD
9
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of control
settings that will give the desired heat pattern. The operator
must set temperatures for several heating zones and a figure
for belt speed. Taken together, these control settings make up
a heating “profile” for that particular circuit board. On
machines controlled by a computer, the computer remembers
these profiles from one operating session to the next. Figure
16 shows a typical heating profile for use when soldering a
surface mount device to a printed circuit board. This profile will
vary among soldering systems, but it is a good starting point.
Factors that can affect the profile include the type of soldering
system in use, density and types of components on the board,
type of solder used, and the type of board or substrate material
being used. This profile shows temperature versus time. The
line on the graph shows the actual temperature that might be
experienced on the surface of a test board at or near a central
solder joint. The two profiles are based on a high density and
a low density board. The Vitronics SMD310 convection/in-
frared reflow soldering system was used to generate this
profile. The type of solder used was 62/36/2 Tin Lead Silver
with a melting point between 177 –189
°C. When this type of
furnace is used for solder reflow work, the circuit boards and
solder joints tend to heat first. The components on the board
are then heated by conduction. The circuit board, because it
has a large surface area, absorbs the thermal energy more
efficiently, then distributes this energy to the components.
Because of this effect, the main body of a component may be
up to 30 degrees cooler than the adjacent solder joints.
STEP 1
PREHEAT
ZONE 1
“RAMP”
STEP 2
VENT
“SOAK”
STEP 3
HEATING
ZONES 2 & 5
“RAMP”
STEP 4
HEATING
ZONES 3 & 6
“SOAK”
STEP 5
HEATING
ZONES 4 & 7
“SPIKE”
STEP 6
VENT
STEP 7
COOLING
200
°C
150
°C
100
°C
50
°C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
SOLDER IS LIQUID FOR
40 TO 80 SECONDS
(DEPENDING ON
MASS OF ASSEMBLY)
205
° TO 219°C
PEAK AT
SOLDER JOINT
DESIRED CURVE FOR LOW
MASS ASSEMBLIES
100
°C
150
°C
160
°C
170
°C
140
°C
Figure 16. Typical Solder Heating Profile
DESIRED CURVE FOR HIGH
MASS ASSEMBLIES


Podobny numer części - MMSF3P03HD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MMSF3P03HD ONSEMI-MMSF3P03HD Datasheet
273Kb / 12P
   P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MMSF3P03HDR2 ONSEMI-MMSF3P03HDR2 Datasheet
273Kb / 12P
   P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results

Podobny opis - MMSF3P03HD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MTB3N100E MOTOROLA-MTB3N100E Datasheet
262Kb / 10P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS
MTB3N120E MOTOROLA-MTB3N120E Datasheet
322Kb / 12P
   TMOS POWER FET 3.0 AMPERES 1200 VOLTS
MTB3N60E MOTOROLA-MTB3N60E Datasheet
74Kb / 4P
   TMOS POWER FET 3.0 AMPERES 600 VOLTS
MTB30P06V MOTOROLA-MTB30P06V Datasheet
247Kb / 10P
   TMOS POWER FET 30 AMPERES 60 VOLTS
MTB30N06VL MOTOROLA-MTB30N06VL Datasheet
262Kb / 10P
   TMOS POWER FET 30 AMPERES 60 VOLTS
MTD1302 MOTOROLA-MTD1302 Datasheet
205Kb / 12P
   TMOS POWER FET 20 AMPERES 30 VOLTS
MMFT5P03HD MOTOROLA-MMFT5P03HD Datasheet
198Kb / 12P
   TMOS MEDIUM POWER FET 5.2 AMPERES 30 VOLTS
MMSF3P02HD MOTOROLA-MMSF3P02HD Datasheet
302Kb / 10P
   SINGLE TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
MTB50P03HDL MOTOROLA-MTB50P03HDL Datasheet
182Kb / 12P
   TMOS POWER FET LOGIC LEVEL 50 AMPERES 30 VOLTS
MMSF4P01HD MOTOROLA-MMSF4P01HD Datasheet
297Kb / 10P
   SINGLE TMOS POWER FET 4.0 AMPERES 12 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com