Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5262BRUZ20-RL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD5262BRUZ20-RL7
Szczegółowy opis  1-/2-Channel 15 V Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5262BRUZ20-RL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD5262BRUZ20-RL7 Datasheet HTML 3Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 4Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 5Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 6Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 7Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 8Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 9Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 10Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD5260/AD5262
Rev. A | Page 7 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
AD5260
NC = NO CONNECT
1
2
3
4
5
6
7
W
B
VDD
SDI
CLK
SHDN
A
14
13
12
11
10
9
8
NC
VL
VSS
CS
PR
GND
SDO
TOP VIEW
(Not to Scale)
Figure 7. AD5260 Pin Configuration
Table 5. AD5260 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
A
A Terminal.
2
W
Wiper Terminal.
3
B
B Terminal.
4
VDD
Positive Power Supply. Specified for operation at both 5 V or 15 V (sum of |VDD| + |VSS| ≤ 15 V).
5
SHDN
Active Low Input. Terminal A, open-circuit. Shutdown controls variable resistor.
6
CLK
Serial Clock Input, Positive Edge Triggered.
7
SDI
Serial Data Input.
8
CS
Chip Select Input, Active Low. When CS returns high, data is loaded into the RDAC register.
9
PR
Active Low Preset to Midscale. Sets RDAC registers to 0x80.
10
GND
Ground.
11
VSS
Negative Power Supply. Specified for operation from 0 V to −5 V.
12
VL
Logic Supply Voltage. Needs to be the same voltage as the digital logic controlling the AD5260.
13
NC
No Connect. Users should not connect anything other than a dummy pad on this pin.
14
SDO
Serial Data Output. Open-drain transistor requires a pull-up resistor.


Podobny numer części - AD5262BRUZ20-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5262BRU20 AD-AD5262BRU20 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU20-REEL7 AD-AD5262BRU20-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200 AD-AD5262BRU200 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200-REEL7 AD-AD5262BRU200-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU50 AD-AD5262BRU50 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
More results

Podobny opis - AD5262BRUZ20-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD7376 AD-AD7376 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207 AD-AD5207_15 Datasheet
703Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207BRUZ10 AD-AD5207BRUZ10 Datasheet
631Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
Dallas Semiconductor
DS2890 DALLAS-DS2890 Datasheet
939Kb / 27P
   1-Wire Digital Potentiometer
logo
Maxim Integrated Produc...
DS2890 MAXIM-DS2890 Datasheet
977Kb / 27P
   1-Wire Digital Potentiometer
012207
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com