Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5262BRUZ50 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD5262BRUZ50
Szczegółowy opis  1-/2-Channel 15 V Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5262BRUZ50 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD5262BRUZ50 Datasheet HTML 2Page - Analog Devices AD5262BRUZ50 Datasheet HTML 3Page - Analog Devices AD5262BRUZ50 Datasheet HTML 4Page - Analog Devices AD5262BRUZ50 Datasheet HTML 5Page - Analog Devices AD5262BRUZ50 Datasheet HTML 6Page - Analog Devices AD5262BRUZ50 Datasheet HTML 7Page - Analog Devices AD5262BRUZ50 Datasheet HTML 8Page - Analog Devices AD5262BRUZ50 Datasheet HTML 9Page - Analog Devices AD5262BRUZ50 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD5260/AD5262
Rev. A | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
TA =25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VDD to GND
−0.3 V to +17 V
VSS to GND
0 V to −7 V
VDD to VSS
17 V
VL to GND
0 V to +7 V
VA, VB, VW to GND
VSS, VDD
AX to BX, AX to WX, BX to WX
Intermittent1
±20 mA
Continuous
±5 mA
Digital Inputs and Output Voltage
to GND
−0.3 V to VL + 0.3 V, or
+7 V (whichever is less)
Operating Temperature Range
−40°C to +85°C
Maximum Junction Temperature
(TJ MAX)
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering,10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Thermal Resistance2 θJA
14-Lead TSSOP
206°C/W
16-Lead TSSOP
150°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
1 Maximum terminal current is bounded by the maximum current handling of
the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance setting.
2 Package power dissipation = (TJ MAX − TA)/θJA.


Podobny numer części - AD5262BRUZ50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5262BRU20 AD-AD5262BRU20 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU20-REEL7 AD-AD5262BRU20-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200 AD-AD5262BRU200 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200-REEL7 AD-AD5262BRU200-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU50 AD-AD5262BRU50 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
More results

Podobny opis - AD5262BRUZ50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD7376 AD-AD7376 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207 AD-AD5207_15 Datasheet
703Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207BRUZ10 AD-AD5207BRUZ10 Datasheet
631Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
Dallas Semiconductor
DS2890 DALLAS-DS2890 Datasheet
939Kb / 27P
   1-Wire Digital Potentiometer
logo
Maxim Integrated Produc...
DS2890 MAXIM-DS2890 Datasheet
977Kb / 27P
   1-Wire Digital Potentiometer
012207
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com