Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X0205NA Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części X0205NA
Szczegółowy opis  1.25 A sensitive gate SCR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0205NA Arkusz danych(HTML) 4 Page - STMicroelectronics

  X0205NA Datasheet HTML 1Page - STMicroelectronics X0205NA Datasheet HTML 2Page - STMicroelectronics X0205NA Datasheet HTML 3Page - STMicroelectronics X0205NA Datasheet HTML 4Page - STMicroelectronics X0205NA Datasheet HTML 5Page - STMicroelectronics X0205NA Datasheet HTML 6Page - STMicroelectronics X0205NA Datasheet HTML 7Page - STMicroelectronics X0205NA Datasheet HTML 8Page - STMicroelectronics X0205NA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
X02
4/11
Doc ID 7480 Rev 4
Figure 5.
Relative variation of triggering,
holding and latching current versus
junction temperature
Figure 6.
Relative variation of holding
current versus gate-cathode
resistance (typical values)
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
0.00
0.25
0.50
0.75
1.00
1.25
1.50
-40
-20
0
20
40
60
80
100
120
140
IGT
T (°C)
j
IH & I
R
= 1k
L
GK
Ω
Typical values
I [R
] / I [
=1k ]
HGK
H
Ω
RGK
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.E-02
1.E-01
1.E+00
1.E+01
Tj=25
R(k )
GK
Ω
Figure 7.
Relative variation of dV/dt immunity
versus gate-cathode resistance
(typical values)
Figure 8.
Relative variation of dV/dt immunity
versus gate-cathode capacitance
(typical values)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
dV/dt[R
] / dV/dt[
=1k ]
GK
Ω
RGK
Tj = 125°C
V = 0.67 x V
D
DRM
R(k )
GK
Ω
20
18
16
14
12
10
8
6
4
2
0
0
24
68
10
12
14
16
18
20
22
C
(nF)
GK
dV/dt[C
] / dV/dt[
=1k ]
GK
Ω
RGK
T
V = 0.67 x V
= 125°C
R
= 1k
D
DRM
GK
j
Ω
Figure 9.
Surge peak on-state current
versus number of cycles
Figure 10.
Non repetitive surge peak on state
current for a sinusoidal pulse and
corresponding value of I2T
1
10
100
1000
0
5
10
15
20
25
I
(A)
TSM
Number of cycles
Non repetitive
T initial=25°C
j
Repetitive
T
=25°C
amb
t =10ms
p
One cycle
1.00
10.00
0.10
0.01
300
100
10
1
I
(A), I t (A s)
TSM
22
T initial = 25°C
j
I t
2
ITSM
t (ms)
p
dI/dt limitation


Podobny numer części - X0205NA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
X0205NA STMICROELECTRONICS-X0205NA Datasheet
147Kb / 6P
   1.25A SCRs
X0205NA-1BA2 STMICROELECTRONICS-X0205NA-1BA2 Datasheet
147Kb / 6P
   1.25A SCRs
X0205NA-2BL2 STMICROELECTRONICS-X0205NA-2BL2 Datasheet
147Kb / 6P
   1.25A SCRs
X0205NA-5BA4 STMICROELECTRONICS-X0205NA-5BA4 Datasheet
147Kb / 6P
   1.25A SCRs
X0205NA1BA2 STMICROELECTRONICS-X0205NA1BA2 Datasheet
147Kb / 6P
   1.25A SCRs
More results

Podobny opis - X0205NA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
   0.8 A sensitive gate SCR
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
   SENSITIVE GATE SCR
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
   SENSITIVE GATE SCR
logo
STMicroelectronics
TS120F STMICROELECTRONICS-TS120F Datasheet
201Kb / 5P
   SENSITIVE GATE SCR
S0802XH STMICROELECTRONICS-S0802XH Datasheet
317Kb / 5P
   SENSITIVE GATE SCR
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
   SENSITIVE GATE SCR
X0203NA1BA2 STMICROELECTRONICS-X0203NA1BA2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
S0402XH STMICROELECTRONICS-S0402XH Datasheet
60Kb / 5P
   SENSITIVE GATE SCR
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com