Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54VCXH162373 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części 54VCXH162373
Szczegółowy opis  Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6 V tolerant inputs and outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54VCXH162373 Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button 54VCXH162373 Datasheet HTML 2Page - STMicroelectronics 54VCXH162373 Datasheet HTML 3Page - STMicroelectronics 54VCXH162373 Datasheet HTML 4Page - STMicroelectronics 54VCXH162373 Datasheet HTML 5Page - STMicroelectronics 54VCXH162373 Datasheet HTML 6Page - STMicroelectronics 54VCXH162373 Datasheet HTML 7Page - STMicroelectronics 54VCXH162373 Datasheet HTML 8Page - STMicroelectronics 54VCXH162373 Datasheet HTML 9Page - STMicroelectronics 54VCXH162373 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Pin settings
54VCXH162373
6/18
Doc ID 10653 Rev 7
2.2
Pin description
2.3
Truth table
Note:
X = Do not care; Z = High impedance
Table 1.
Pin description
Pin n°
Symbol
Name and function
11OE
3 state output enable input (active LOW)
2, 3, 5, 6, 8, 9, 11, 12
1Q0 to 1Q7 3-state outputs
13, 14, 16, 17, 19, 20, 22, 23 2Q0 to 2Q7 3-state outputs
24
2OE
3 state output enable input (active LOW)
25
2LE
Latch enable input
36, 35, 33, 32, 30, 29, 27, 26 2D0 to 2D7 Data inputs
47, 46, 44, 43, 41, 40, 38, 37 1D0 to 1D7 Data inputs
48
1LE
Latch enable input
4, 10, 15, 21, 28, 34, 39, 45
GND
Ground (0 V)
7, 18, 31, 42
VCC
Positive supply voltage
Table 2.
Truth table
Inputs
Output
OE
LE
D
Q
HX
X
Z
L
L
X
No change (1)
1.
Q outputs are latched at the time when the LE input is taken low logic level.
LH
L
L
LH
H
H


Podobny numer części - 54VCXH162373

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
54VCXH162373 STMICROELECTRONICS-54VCXH162373 Datasheet
508Kb / 17P
   Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6V tolerant inputs and outputs
More results

Podobny opis - 54VCXH162373

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
54VCXH162374 STMICROELECTRONICS-54VCXH162374_11 Datasheet
496Kb / 18P
   Rad hard low voltage CMOS 16-bit d-type flip-flop (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162373 STMICROELECTRONICS-54VCXH162373 Datasheet
508Kb / 17P
   Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6V tolerant inputs and outputs
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245_11 Datasheet
479Kb / 18P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162245 STMICROELECTRONICS-54VCXH162245_11 Datasheet
485Kb / 19P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
logo
Toshiba Semiconductor
TC74VCX162373FT TOSHIBA-TC74VCX162373FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16373FT TOSHIBA-TC74VCX16373FT_07 Datasheet
216Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX16373 STMICROELECTRONICS-74LCX16373 Datasheet
76Kb / 9P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH(3-STATE)WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX16373 STMICROELECTRONICS-74LCX16373_03 Datasheet
282Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Toshiba Semiconductor
TC74VCX16843FT TOSHIBA-TC74VCX16843FT_07 Datasheet
221Kb / 12P
   Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16841FT TOSHIBA-TC74VCX16841FT_07 Datasheet
219Kb / 12P
   Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com