Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACTQ16543SSC Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części 74ACTQ16543SSC
Szczegółowy opis  16-Bit Registered Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ16543SSC Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

  74ACTQ16543SSC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ16543SSC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ16543SSC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ16543SSC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ16543SSC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ16543SSC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ16543SSC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ16543SSC Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ16543SSC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
Extended AC Electrical Characteristics
Note 10: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase (i.e., all low-to-high,
high-to-low, etc.).
Note 11: This specification is guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load. This specification pertains to single output switching only.
Note 12: 3-STATE delays are load dominated and have been excluded from the datasheet.
Note 13: The Output Disable Time is dominated by the RC network (500
Ω, 250 pF) on the output and has been excluded from the datasheet.
Note 14: Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate outputs of the same device.
The specification applies to any outputs switching HIGH to LOW (tOSHL), LOW to HIGH (tOSLH), or any combination switching LOW to HIGH and/or HIGH to
LOW (tOST).
Capacitance
TA = −40 to +85°C
VCC = Com
TA = −40 to +85°C
Symbol
Parameter
CL = 50 pF
VCC = Com
Units
16 Outputs Switching
CL = 250 pF
(Note 10)
(Note 11)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
4.5
11.1
5.8
14.3
tPHL
Transparent Mode
3.7
9.6
5.1
13.4
ns
An to Bn or Bn to An
tPLH
Propagation Delay
4.3
11.3
6.2
16.3
ns
tPHL
LEBAn, LEABn to An, Bn
3.7
9.7
5.8
14.9
tPZH
Output Enable Time
4.0
10.7
tPZL
OEBAn or OEABn to An or Bn
4.3
11.3
(Note 12)
ns
CEBAn or CEABn to An or Bn
tPHZ
Output Disable Time
3.0
8.0
tPLZ
OEBAn or OEABn to An or Bn
2.8
7.6
(Note 13)
ns
CEBAn or CEABn to An or Bn
tOSHL
Pin to Pin Skew
1.1
ns
(Note 14)
HL Data to Output
tOSLH
Pin to Pin Skew
1.4
ns
(Note 14)
LH Data to Output
tOSHL
Pin to Pin Skew
2.6
ns
(Note 14)
Latch to Output
tOSLH
Pin to Pin Skew
1.0
ns
(Note 14)
Latch to Output
tOST
Pin to Pin Skew
1.0
ns
(Note 14)
Data to Output
tOST
Pin to Pin Skew
2.2
ns
(Note 14)
Latch to Output
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0V
CPD
Power Dissipation.Capacitance
95.0
pF
VCC = 5.0V


Podobny numer części - 74ACTQ16543SSC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACTQ16540 FAIRCHILD-74ACTQ16540 Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16540MTD FAIRCHILD-74ACTQ16540MTD Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16540SSC FAIRCHILD-74ACTQ16540SSC Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541 FAIRCHILD-74ACTQ16541 Datasheet
85Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541 FAIRCHILD-74ACTQ16541 Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results

Podobny opis - 74ACTQ16543SSC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A_08 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com