Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMSF5P02HD Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części MMSF5P02HD
Szczegółowy opis  SINGLE TMOS POWER MOSFET 8.7 AMPERES 20 VOLTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF5P02HD Arkusz danych(HTML) 4 Page - Motorola, Inc

  MMSF5P02HD Datasheet HTML 1Page - Motorola, Inc MMSF5P02HD Datasheet HTML 2Page - Motorola, Inc MMSF5P02HD Datasheet HTML 3Page - Motorola, Inc MMSF5P02HD Datasheet HTML 4Page - Motorola, Inc MMSF5P02HD Datasheet HTML 5Page - Motorola, Inc MMSF5P02HD Datasheet HTML 6Page - Motorola, Inc MMSF5P02HD Datasheet HTML 7Page - Motorola, Inc MMSF5P02HD Datasheet HTML 8Page - Motorola, Inc MMSF5P02HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MMSF5P02HD
4
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
VGS=
8
Figure 1. On–Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On–Resistance versus Drain Current
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
Figure 5. On–Resistance Variation with
Temperature
Figure 6. Drain–to–Source Leakage Current
versus Voltage
2.0
0
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
12
8.0
10
6.0
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
3.0
1.0
4.0
2.0
0
0
VGS, GATE–TO–SOURCE (VOLTS)
0.06
0.04
0.02
0
ID, DRAIN CURRENT (AMPS)
2.0
0
0.04
0.02
0
4.0
–25
25
–50
TJ, JUNCTION TEMPERATURE (°C)
2.0
1.5
1.0
0.5
0
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
4.0
0
1000
100
10
1.0
16
0
0
0.5
1.0
1.5
2.5
1.5
2.0
6.0
12
2.0
4.0
6.0
8.0
10
6.0
8.0
50
100
75
8.0
12
20
125
150
TJ = 25°C
VGS = 4.5 V
2.5 V
VGS = 4.5 V
ID = 5.1 A
25
°C
100
°C
TJ = 125°C
VGS = 0 V
ID = 6.4 A
TJ = 25°C
TJ = –55°C
100
°C
25
°C
VDS ≥ 10 V
1.7 V
1.9 V
2.1 V
2.3 V
TJ = 25°C
2.5 V
2.7 V
3.1 V
4.5 V
3.7 V
0.06
10
12
8.0
10
4.0
2.0


Podobny numer części - MMSF5P02HD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MMSF5P02HD ONSEMI-MMSF5P02HD Datasheet
283Kb / 11P
   P-Channel Power MOSFET
August, 2006 ??Rev. 4
MMSF5P02HDR2 ONSEMI-MMSF5P02HDR2 Datasheet
283Kb / 11P
   P-Channel Power MOSFET
August, 2006 ??Rev. 4
More results

Podobny opis - MMSF5P02HD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MMSF3205 MOTOROLA-MMSF3205 Datasheet
106Kb / 6P
   SINGLE TMOS POWER MOSFET 11 AMPERES 20 VOLTS
MMSF5N02HD MOTOROLA-MMSF5N02HD Datasheet
293Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
MMSF2P02E MOTOROLA-MMSF2P02E Datasheet
266Kb / 8P
   SINGLE TMOS POWER MOSFET 2.5 AMPERES 20 VOLTS
MMSF10N02Z MOTOROLA-MMSF10N02Z Datasheet
184Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 20 VOLTS
MMSF3P02HD MOTOROLA-MMSF3P02HD Datasheet
302Kb / 10P
   SINGLE TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
MMSF4N01HD MOTOROLA-MMSF4N01HD Datasheet
285Kb / 10P
   TMOS MOSFET 5.8 AMPERES 20 VOLTS
MMDF4N01HD MOTOROLA-MMDF4N01HD Datasheet
281Kb / 10P
   DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS
MMDF6N02HD MOTOROLA-MMDF6N02HD Datasheet
193Kb / 10P
   DUAL TMOS POWER MOSFET 6.0 AMPERES 20 VOLTS
MMDF7N02Z MOTOROLA-MMDF7N02Z Datasheet
190Kb / 10P
   DUAL TMOS POWER MOSFET 7.0 AMPERES 20 VOLTS
MMDF3207 MOTOROLA-MMDF3207 Datasheet
84Kb / 4P
   DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com