Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMSF7N03HD Arkusz danych(PDF) 8 Page - Motorola, Inc

Numer części MMSF7N03HD
Szczegółowy opis  SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF7N03HD Arkusz danych(HTML) 8 Page - Motorola, Inc

Back Button MMSF7N03HD Datasheet HTML 2Page - Motorola, Inc MMSF7N03HD Datasheet HTML 3Page - Motorola, Inc MMSF7N03HD Datasheet HTML 4Page - Motorola, Inc MMSF7N03HD Datasheet HTML 5Page - Motorola, Inc MMSF7N03HD Datasheet HTML 6Page - Motorola, Inc MMSF7N03HD Datasheet HTML 7Page - Motorola, Inc MMSF7N03HD Datasheet HTML 8Page - Motorola, Inc MMSF7N03HD Datasheet HTML 9Page - Motorola, Inc MMSF7N03HD Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MMSF7N03HD
8
Motorola TMOS Power MOSFET Transistor Device Data
INFORMATION FOR USING THE SO–8 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must be
the correct size to ensure proper solder connection interface
between the board and the package. With the correct pad
geometry, the packages will self–align when subjected to a
solder reflow process.
mm
inches
0.060
1.52
0.275
7.0
0.024
0.6
0.050
1.270
0.155
4.0
SO–8 POWER DISSIPATION
The power dissipation of the SO–8 is a function of the input
pad size. This can vary from the minimum pad size for
soldering to the pad size given for maximum power
dissipation. Power dissipation for a surface mount device is
determined by TJ(max), the maximum rated junction
temperature of the die, R
θJA, the thermal resistance from the
device junction to ambient; and the operating temperature, TA.
Using the values provided on the data sheet for the SO–8
package, PD can be calculated as follows:
PD =
TJ(max) – TA
R
θJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one can
calculate the power dissipation of the device which in this case
is 2.5 Watts.
PD =
150
°C – 25°C
50
°C/W
= 2.5 Watts
The 50
°C/W for the SO–8 package assumes the
recommended footprint on a glass epoxy printed circuit board
to achieve a power dissipation of 2.5 Watts using the footprint
shown. Another alternative would be to use a ceramic
substrate or an aluminum core board such as Thermal Clad
™.
Using board material such as Thermal Clad, the power
dissipation can be doubled using the same footprint.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within a
short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
Always preheat the device.
The delta temperature between the preheat and soldering
should be 100
°C or less.*
When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering method,
the difference shall be a maximum of 10
°C.
The soldering temperature and time shall not exceed
260
°C for more than 10 seconds.
When shifting from preheating to soldering, the maximum
temperature gradient shall be 5
°C or less.
After soldering has been completed, the device should be
allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and result
in latent failure due to mechanical stress.
Mechanical stress or shock should not be applied during
cooling.
* Soldering a device without preheating can cause excessive
thermal shock and stress which can result in damage to the
device.


Podobny numer części - MMSF7N03HD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MMSF7N03HD ONSEMI-MMSF7N03HD Datasheet
259Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MMSF7N03HDR2 ONSEMI-MMSF7N03HDR2 Datasheet
259Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results

Podobny opis - MMSF7N03HD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
MMSF5N03HD MOTOROLA-MMSF5N03HD Datasheet
294Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
   SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
logo
New Jersey Semi-Conduct...
MTP8N50E NJSEMI-MTP8N50E Datasheet
122Kb / 2P
   TMOS POWER FET 8.0 AMPERES 500 VOLTS
logo
Motorola, Inc
MTB8N50E MOTOROLA-MTB8N50E Datasheet
162Kb / 6P
   TMOS POWER FET 8.0 AMPERES 500 VOLTS
MMSF3P03HD MOTOROLA-MMSF3P03HD Datasheet
316Kb / 10P
   SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
MMFT6N03HD MOTOROLA-MMFT6N03HD Datasheet
74Kb / 4P
   TMOS POWER 6.0 AMPERES 30 VOLTS
MMDF3N03HD MOTOROLA-MMDF3N03HD Datasheet
281Kb / 10P
   DUAL TMOS POWER MOSFET 4.1 AMPERES 30 VOLTS
MMSF7P03HD MOTOROLA-MMSF7P03HD Datasheet
214Kb / 10P
   SINGLE TMOS POWER MOSFET 30 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com