Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F125 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 74F125
Szczegółowy opis  Quad Buffer (3-STATE)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F125 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  74F125 Datasheet HTML 1Page - Fairchild Semiconductor 74F125 Datasheet HTML 2Page - Fairchild Semiconductor 74F125 Datasheet HTML 3Page - Fairchild Semiconductor 74F125 Datasheet HTML 4Page - Fairchild Semiconductor 74F125 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
AC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.4
IOH = −3 mA
Voltage
10% VCC
2.0
VMin
IOH = −12 mA
5% VCC
2.7
IOH = −3 mA
5% VCC
2.0
IOH = −15 mA
VOL
Output LOW
10% VCC
0.55
V
Min
IOL = 64 mA
Voltage
IIH
Input HIGH Current
20
µAMax
VIN = 2.7V
IBVI
Input HIGH Current
100
µA0.0V
VIN = 7.0V
Breakdown Test
IIL
Input LOW Current
−20.0
µAMax
VIN = 0.5V
IOZH
Output Leakage Current
50
µAMax
VOUT = 2.7V
IOZL
Output Leakage Current
−50
µAMax
VOUT = 0.5V
IOS
Output Short-Circuit Current
−100
−225
mA
Max
VOUT = 0V
ICEX
Output HIGH Leakage Current
250
µAMax
VOUT = VCC
IZZ
Buss Drainage Test
500
µA0.0V
VOUT = 5.25V
ICCH
Power Supply Current
18.5
24.0
mA
Max
VO = HIGH
ICCL
Power Supply Current
31.7
40.0
mA
Max
VO = LOW
ICCZ
Power Supply Current
27.6
35.0
mA
Max
VO = HIGH Z
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.0
4.0
6.0
2.0
6.5
ns
tPHL
3.0
4.6
7.5
3.0
8.0
tPZH
Output Enable Time
3.5
4.7
7.5
3.0
8.5
ns
tPZL
3.5
5.3
8.0
3.5
9.0
tPHZ
Output Disable Time
1.5
3.9
5.5
1.5
6.0
ns
tPLZ
1.5
4.0
6.0
1.5
6.5


Podobny numer części - 74F125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F125 PHILIPS-74F125 Datasheet
77Kb / 10P
   Quad buffers 3-State
1989 March 28
logo
Texas Instruments
74F125 TI-74F125 Datasheet
354Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE
logo
Bourns Electronic Solut...
74F125AP-RC BOURNS-74F125AP-RC Datasheet
429Kb / 1P
   High Q, high self-resonant frequency Varnish coated
logo
Fairchild Semiconductor
74F125PC FAIRCHILD-74F125PC Datasheet
79Kb / 5P
   Quad Buffer (3-STATE)
74F125SC FAIRCHILD-74F125SC Datasheet
79Kb / 5P
   Quad Buffer (3-STATE)
More results

Podobny opis - 74F125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT125 PHILIPS-74ABT125 Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
74ABT126 PHILIPS-74ABT126_15 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Fairchild Semiconductor
74F125SCX FAIRCHILD-74F125SCX Datasheet
79Kb / 5P
   Quad Buffer (3-STATE)
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
74ABT125 NEXPERIA-74ABT125 Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
NXP Semiconductors
74ABT125 NXP-74ABT125 Datasheet
162Kb / 15P
   Quad buffer; 3-state
Rev. 04-27 April 2010
logo
Fairchild Semiconductor
DM74LS126A FAIRCHILD-DM74LS126A Datasheet
48Kb / 4P
   Quad 3-STATE Buffer
DM74ALS125 FAIRCHILD-DM74ALS125 Datasheet
51Kb / 5P
   Quad 3-STATE Buffer
logo
NXP Semiconductors
74ABT126 PHILIPS-74ABT126 Datasheet
92Kb / 10P
   Quad buffer 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com