Zakładka z wyszukiwarką danych komponentów |
|
74F113PC Arkusz danych(PDF) 3 Page - Fairchild Semiconductor |
|
74F113PC Arkusz danych(HTML) 3 Page - Fairchild Semiconductor |
3 / 6 page 3 www.fairchildsemi.com Absolute Maximum Ratings(Note 1) Recommended Operating Conditions Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 2: Either voltage limit or current limit is sufficient to protect inputs. DC Electrical Characteristics Storage Temperature −65°C to +150°C Ambient Temperature under Bias −55°C to +125°C Junction Temperature under Bias −55°C to +150°C VCC Pin Potential to Ground Pin −0.5V to +7.0V Input Voltage (Note 2) −0.5V to +7.0V Input Current (Note 2) −30 mA to +5.0 mA Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output −0.5V to V CC 3-STATE Output −0.5V to +5.5V Current Applied to Output in LOW State (Max) twice the rated IOL (mA) Free Air Ambient Temperature 0 °C to +70°C Supply Voltage +4.5V to +5.5V Symbol Parameter Min Typ Max Units VCC Conditions VIH Input HIGH Voltage 2.0 V Recognized as a HIGH Signal VIL Input LOW Voltage 0.8 V Recognized as a LOW Signal VCD Input Clamp Diode Voltage −1.2 V Min IIN = −18 mA VOH Output HIGH 10% VCC 2.5 V Min IOH = −1 mA Voltage 5% VCC 2.7 IOH = −1 mA VOL Output LOW 10% VCC 0.5 V Min IOL = 20 mA Voltage IIH Input HIGH 5.0 µAMax VIN = 2.7V Current IBVI Input HIGH Current 7.0 µAMax VIN = 7.0V Breakdown Test ICEX Output HIGH 50 µAMax VOUT = VCC Leakage Current VID Input Leakage 4.75 V 0.0 IID = 1.9 µA Test All Other Pins Grounded IOD Output Leakage 3.75 µA0.0 VIOD = 150 mV Circuit Current All Other Pins Grounded IIL Input LOW Current −0.6 VIN = 0.5V (Jn, Kn) −2.4 mA Max VIN = 0.5V (CPn) −3.0 VIN = 0.5V (SDn) IOZH Output Leakage Current 50 µAMax VOUT = 2.7V IOZL Output Leakage Current −50 µAMax VOUT = 0.5V IOS Output Short-Circuit Current −60 −150 mA Max VOUT = 0V ICC Power Supply Current 12 19 mA Max |
Podobny numer części - 74F113PC |
|
Podobny opis - 74F113PC |