Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F169SJ Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74F169SJ
Szczegółowy opis  4-Stage Synchronous Bidirectional Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F169SJ Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74F169SJ Datasheet HTML 1Page - Fairchild Semiconductor 74F169SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F169SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F169SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F169SJ Datasheet HTML 5Page - Fairchild Semiconductor 74F169SJ Datasheet HTML 6Page - Fairchild Semiconductor 74F169SJ Datasheet HTML 7Page - Fairchild Semiconductor 74F169SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
fMAX
Maximum Count Frequency
90
60
70
MHz
tPLH
Propagation Delay
3.0
6.5
8.5
3.0
12.0
3.0
9.5
ns
tPHL
CP to Qn (PE HIGH or LOW)
4.0
9.0
11.5
4.0
16.0
4.0
13.0
tPLH
Propagation Delay
5.5
12.0
15.5
5.5
20.0
5.5
17.5
ns
tPHL
CP to TC
4.0
8.5
12.5
4.0
15.0
4.0
13.0
tPLH
Propagation Delay
2.5
4.5
6.5
2.5
9.0
2.5
7.0
ns
tPHL
CET to TC
2.5
8.5
11.0
2.5
12.0
2.5
12.0
tPLH
Propagation Delay
3.5
8.5
11.5
3.5
16.0
3.5
12.5
ns
tPHL
U/D to TC
4.0
8.0
12.0
4.0
14.0
4.0
13.0
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
4.0
4.5
4.5
ns
tS(L)
Pn to CP
4.0
4.5
4.5
tH(H)
Hold Time, HIGH or LOW
3.0
3.5
3.5
tH(L)
Pn to CP
3.0
3.5
3.5
tS(H)
Setup Time, HIGH or LOW
7.0
8.0
8.0
ns
tS(L)
CEP or CET to CP
5.0
8.0
6.5
tH(H)
Hold Time, HIGH or LOW
0
0
0
tH(L)
CEP or CET to CP
0.5
1.0
0.5
tS(H)
Setup Time, HIGH or LOW
8.0
10.0
9.0
ns
tS(L)
PE to CP
8.0
10.0
9.0
tH(H)
Hold Time, HIGH or LOW
1.0
1.0
1.0
tH(L)
PE to CP
0
0
0
tS(H)
Setup Time, HIGH or LOW
11.0
14.0
12.5
ns
tS(L)
U/D to CP
7.012.08.5
tH(H)
Hold Time, HIGH or LOW
0
0
0
tH(L)
U/D to CP
0
0
0
tW(H)
CP Pulse Width
4.0
6.0
4.5
ns
tW(L)
HIGH or LOW
7.0
9.0
8.0


Podobny numer części - 74F169SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74F169SJ NSC-74F169SJ Datasheet
160Kb / 8P
   4-Stage Synchronous Bidirectional Counter
More results

Podobny opis - 74F169SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54F169DM NSC-54F169DM Datasheet
160Kb / 8P
   4-Stage Synchronous Bidirectional Counter
54AC169 NSC-54AC169 Datasheet
183Kb / 10P
   4-Stage Synchronous Bidirectional Counter
logo
Fairchild Semiconductor
74AC169 FAIRCHILD-74AC169 Datasheet
103Kb / 8P
   4-Stage Synchronous Bidirectional Counter
logo
Texas Instruments
54ACT169 TI1-54ACT169 Datasheet
213Kb / 11P
[Old version datasheet]   4-Stage Synchronous Bidirectional Counter
logo
NXP Semiconductors
74F569 PHILIPS-74F569 Datasheet
130Kb / 14P
   4-bit bidirectional binary synchronous counter 3-State
1996 Jan 05
logo
STMicroelectronics
M74HC40103 STMICROELECTRONICS-M74HC40103 Datasheet
662Kb / 16P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTER
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336 Datasheet
149Kb / 9P
   4-STAGE COUNTER/ SHIFT REGISTER
logo
National Semiconductor ...
F100136 NSC-F100136 Datasheet
234Kb / 10P
   4-Stage Counter/Shift Register
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336_06 Datasheet
126Kb / 10P
   4-STAGE COUNTER/SHIFT REGISTER
logo
ON Semiconductor
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
   DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com