Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F181PC Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 74F181PC
Szczegółowy opis  4-Bit Arithmetic Logic Unit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F181PC Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  74F181PC Datasheet HTML 1Page - Fairchild Semiconductor 74F181PC Datasheet HTML 2Page - Fairchild Semiconductor 74F181PC Datasheet HTML 3Page - Fairchild Semiconductor 74F181PC Datasheet HTML 4Page - Fairchild Semiconductor 74F181PC Datasheet HTML 5Page - Fairchild Semiconductor 74F181PC Datasheet HTML 6Page - Fairchild Semiconductor 74F181PC Datasheet HTML 7Page - Fairchild Semiconductor 74F181PC Datasheet HTML 8Page - Fairchild Semiconductor 74F181PC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
Logic
Arithmetic
Arithmetic
S0 S1 S2 S3
(M
=H) (M=L, C
0=Inactive)
(M
=L, C
0=Active)
c. A All Input Data Inverted; B Input Data True
LLLL
A
A minus 1
A
H
LLL
A
+ B
A • B minus 1
A • B
LH
L
L
A • B
A • B minus 1
A • B
H
H
L
L
Logic “1” minus 1 (2s comp.)
Zero
LL
H
L
A • B
A plus (A
+ B)
A plus (A
+ B) plus 1
HL
HL
B
A • B plus (A
+ B) A • B plus (A + B) plus 1
LH
H
L
A
⊕ B
A plus B
A plus B plus 1
HHH
L
A
+ BA + BA + B plus 1
LLL
H
A
+ B
A plus (A
+ B)
A plus (A
+ B) plus 1
HL
L
H
A
⊕B
A minus B minus 1
A minus B
LH
LH
B
A • B plus (A
+ B)A • B plus (A + B) plus 1
HH
L
H
A
+ B
A
+ B
A
+ B plus 1
L
L
H
H
Logic “0”
A plus A (2
× A)
A plus A (2
× A) plus 1
H
L
H
H
A • B
A plus A • B
A plus A • B plus 1
L
HHH
A • B
A plus A • B
A plus A • B plus 1
HHHH
A
A
A plus 1
d. A Input Data True; B Input Date Inverted
LLLL
A
A
A plus 1
H
LLL
A • B
A
+ B
A
+ B plus 1
LH
L
L
A
+ B
A
+ BA + B plus 1
H
H
L
L
Logic “0” minus 1 (2s comp.)
Zero
LL
H
L
A
+ B
A plus A • B
A plus A • B plus 1
HL
HL
B
A • B plus (A
+ B)A • B plus (A + B) plus 1
LH
H
L
A
⊕ B
A plus B
A plus B plus 1
H
H
H
L
A • B
A • B minus 1
A • B
LLL
H
A • B
A plus A • B
A plus A • B plus 1
HL
L
H
A
⊕B
A minus B minus 1
A minus B
LH
LH
B
A • B plus (A
+ B) A • B plus (A + B) plus 1
HH
L
H
A • B
A • B minus 1
A • B
L
L
H
H
Logic “1”
A plus A (2
× A)
A plus A (2
× A) plus 1
HL
H
H
A
+ BA plus (A + B)
A plus (A
+B) plus 1
L
HHH
A
+ B
A plus (A
+ B)
A plus (A
+B) plus 1
HHHH
A
A minus 1
A


Podobny numer części - 74F181PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74F181PC NSC-74F181PC Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
More results

Podobny opis - 74F181PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
   4-BIT ARITHMETIC LOGIC UNIT
logo
Fairchild Semiconductor
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
   4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
   4-BIT ARITHMETIC LOGIC UNIT
logo
National Semiconductor ...
54F181DM NSC-54F181DM Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
54LS181 NSC-54LS181 Datasheet
193Kb / 7P
   4-BIT ARITHMETIC LOGIC UNIT
DM54LS181 NSC-DM54LS181 Datasheet
154Kb / 10P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
MC14581B MOTOROLA-MC14581B Datasheet
233Kb / 7P
   4-Bit Arithmetic Logic Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com