Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F189 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74F189
Szczegółowy opis  64-Bit Random Access Memory with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F189 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74F189 Datasheet HTML 1Page - Fairchild Semiconductor 74F189 Datasheet HTML 2Page - Fairchild Semiconductor 74F189 Datasheet HTML 3Page - Fairchild Semiconductor 74F189 Datasheet HTML 4Page - Fairchild Semiconductor 74F189 Datasheet HTML 5Page - Fairchild Semiconductor 74F189 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009493
www.fairchildsemi.com
April 1988
Revised July 1999
74F189
64-Bit Random Access Memory with 3-STATE Outputs
General Description
The F189 is a high-speed 64-bit RAM organized as a 16-
word by 4-bit array. Address inputs are buffered to mini-
mize loading and are fully decoded on-chip. The outputs
are 3-STATE and are in the high impedance state when-
ever the Chip Select (CS) input is HIGH. The outputs are
active only in the Read mode and the output data is the
complement of the stored data.
Features
s 3-STATE outputs for data bus applications
s Buffered inputs minimize loading
s Address decoding on-chip
s Diode clamped inputs minimize ringing
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Order Number
Package Number
Package Description
74F189SC
M16B
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide
74F189SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F189PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Podobny numer części - 74F189

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74F189 NSC-74F189 Datasheet
166Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
logo
NXP Semiconductors
74F189 PHILIPS-74F189 Datasheet
81Kb / 10P
   64-bit TTL bipolar RAM, inverting 3-State
1990 Feb 23
74F189A PHILIPS-74F189A Datasheet
81Kb / 10P
   64-bit TTL bipolar RAM, inverting 3-State
1990 Feb 23
logo
National Semiconductor ...
74F189PC NSC-74F189PC Datasheet
166Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
74F189SC NSC-74F189SC Datasheet
166Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
More results

Podobny opis - 74F189

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74F219 FAIRCHILD-74F219 Datasheet
52Kb / 6P
   64-Bit Random Access Memory with 3-STATE Outputs
MM74C89 FAIRCHILD-MM74C89 Datasheet
60Kb / 6P
   64-Bit 3-STATE Random Access Read/Write Memory
logo
National Semiconductor ...
54F189DL NSC-54F189DL Datasheet
166Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
54F219DL NSC-54F219DL Datasheet
164Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
logo
Fairchild Semiconductor
74LS189 FAIRCHILD-74LS189 Datasheet
159Kb / 3P
   64-BIT RANDOM ACCESS MEMORY
logo
National Semiconductor ...
MM54C89 NSC-MM54C89 Datasheet
130Kb / 6P
   64-Bit TRI-STATE Random Access Read/Write Memory
logo
Texas Instruments
SN7489 TI-SN7489 Datasheet
265Kb / 6P
[Old version datasheet]   64-BIT RANDOM-ACCESS READ/WRITE MEMORY
logo
List of Unclassifed Man...
74LS89 ETC1-74LS89 Datasheet
142Kb / 3P
   64-Bit Random Access Memory(Open Collector)
logo
Texas Instruments
MM54C200 TI1-MM54C200 Datasheet
385Kb / 8P
[Old version datasheet]   256-Bit TRI-STATE Random Access Read/Write Memory
logo
NXP Semiconductors
HEF4505B PHILIPS-HEF4505B Datasheet
96Kb / 8P
   64-bit, 1-bit per word random access read/write memory
January 1995
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com