Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74FR16245 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74FR16245
Szczegółowy opis  16-Bit Transceiver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR16245 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74FR16245 Datasheet HTML 1Page - Fairchild Semiconductor 74FR16245 Datasheet HTML 2Page - Fairchild Semiconductor 74FR16245 Datasheet HTML 3Page - Fairchild Semiconductor 74FR16245 Datasheet HTML 4Page - Fairchild Semiconductor 74FR16245 Datasheet HTML 5Page - Fairchild Semiconductor 74FR16245 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010614
www.fairchildsemi.com
October 1989
Revised August 1999
74FR16245
16-Bit Transceiver with 3-STATE Outputs
General Description
The 74FR16245 contains sixteen non-inverting bidirec-
tional buffers with 3-STATE outputs and is intended for bus-
oriented applications. Current sinking capability is 64 mA
on both the A and B Ports. The device is byte controlled.
Each byte has separate control inputs which can be
shorted together for full 16-bit operation. The transmit/
receive (T/Rn) inputs determine the direction of data flow
through the transceiver. The output enable (OEn) inputs
disable both A and B Ports by placing them in an high
impedance state.
Features
s Non-inverting buffers
s Bidirectional data paths
s A and B output sink capability of 64 mA, source
capability of 15 mA
s Separate control pins for each byte
s Guaranteed pin-to-pin skew
s Low 3-STATE IIL
s 16-Bit version of the 74F245 or 74F645
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignment for SSOP
Pin Assignment for PLCC
Logic Symbol
Order Number
Package Number
Package Description
74FR16245QC
V44A
44-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.650 Square
74FR16245SSC
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300 Wide


Podobny numer części - 74FR16245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74FR16245 NSC-74FR16245 Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
logo
Rochester Electronics
74FR16245 ROCHESTER-74FR16245 Datasheet
415Kb / 5P
   16-Bit Transceiver with 3-STATE Outputs Separate control pins for each byte
logo
National Semiconductor ...
74FR16245Q NSC-74FR16245Q Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
logo
Rochester Electronics
74FR16245QC ROCHESTER-74FR16245QC Datasheet
415Kb / 5P
   16-Bit Transceiver with 3-STATE Outputs Separate control pins for each byte
74FR16245QCX ROCHESTER-74FR16245QCX Datasheet
415Kb / 5P
   16-Bit Transceiver with 3-STATE Outputs Separate control pins for each byte
More results

Podobny opis - 74FR16245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245_05 Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245 Datasheet
86Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com