Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA-40 Arkusz danych(PDF) 2 Page - Cooper Bussmann, Inc.

Numer części TPA-40
Szczegółowy opis  Telpower짰 DC Power Distribution Fuses 170 Volts, DC, 3??0 Amps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COOPER [Cooper Bussmann, Inc.]
Strona internetowa  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TPA-40 Arkusz danych(HTML) 2 Page - Cooper Bussmann, Inc.

  TPA-40 Datasheet HTML 1Page - Cooper Bussmann, Inc. TPA-40 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Telpower® DC Power Distribution Fuses
TPA
170 Volts DC, 3–50 Amps
Form No. TPL
Page 2 of 2
BIF Doc #5012
Bussmann®
12-28-98
SB98107
Rev. A
The only controlled copy of this BIF document is the electronic read-only version located on the
Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled. This
bulletin is intended to clearly present comprehensive product data and provide technical informa-
tion that will help the end user with design applications. Bussmann reserves the right, without
notice, to change design or construction of any products and to discontinue or limit distribution of
any products. Bussmann also reserves the right to change or update, without notice, any technical
information contained in this bulletin. Once a product has been selected, it should be tested by the
user in all possible applications.
1,000
100
10
1
.1
.01
CURRENT IN AMPERES
3
5
10
15
AMPERE
RATING
1,000
100
10
1
.1
.01
CURRENT IN AMPERES
20
30
40
50
AMPERE
RATING
1,000
100
10
1
.1
.01
CURRENT IN AMPERES
20
25
AMPERE
RATING
TPA 3-15 Amps
TPA 20-50 Amps
TPA-B


Podobny numer części - TPA-40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Teledyne Technologies I...
TPA-13-6003 TELEDYNE-TPA-13-6003 Datasheet
889Kb / 2P
   Amplifier 6 GHz - 13 GHz
TPA-13-6004 TELEDYNE-TPA-13-6004 Datasheet
889Kb / 2P
   Amplifier 6 GHz - 13 GHz
TPA-13-6005 TELEDYNE-TPA-13-6005 Datasheet
887Kb / 2P
   Amplifier 6 GHz - 13 GHz
TPA-13-6014 TELEDYNE-TPA-13-6014 Datasheet
889Kb / 2P
   Amplifier 6 GHz - 13 GHz
TPA-13-6015 TELEDYNE-TPA-13-6015 Datasheet
887Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
More results

Podobny opis - TPA-40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cooper Bussmann, Inc.
TPS-1 COOPER-TPS-1 Datasheet
41Kb / 2P
   Telpower짰 Fuses 1 to 70 Amps, 170 Volts DC
TPS-2 COOPER-TPS-2 Datasheet
41Kb / 2P
   Telpower Fuses 1 to 70 Amps, 170 Volts DC
TPS-1 COOPER-TPS-1_15 Datasheet
492Kb / 3P
   DC power distribution non-indicating fuses
logo
Eaton All Rights Reserv...
TPS EATON-TPS Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
Marathon Special Produc...
PV10BW MARATHON-PV10BW Datasheet
170Kb / 3P
   30 Amps 1000 Volts DC
REV-D 05-23-17
PV15BW32 MARATHON-PV15BW32 Datasheet
233Kb / 4P
   32 Amps 1500 Volts DC
REV-B 01/27/19
logo
ON Semiconductor
NTTS2P03R2G ONSEMI-NTTS2P03R2G Datasheet
80Kb / 6P
   Power MOSFET ??.48 Amps, ??0 Volts
June, 2005 ??Rev. 2
logo
Cooper Bussmann, Inc.
70N-10A COOPER-70N-10A Datasheet
55Kb / 2P
   Telpower짰 Indicating Fuse and Holder 300 Volts DC ??1/10-10A
logo
Marathon Special Produc...
132X474 MARATHON-132X474 Datasheet
82Kb / 3P
   175 Amps 600 Volts AC/DC
REV-B 11/13/13
141X201 MARATHON-141X201 Datasheet
388Kb / 3P
   115 Amps 600 Volts AC/DC
REV-C 12/16/16
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com