Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ILCX20-GB1F18-20.000 Arkusz danych(PDF) 1 Page - ILSI America LLC

Numer części ILCX20-GB1F18-20.000
Szczegółowy opis  4 Pad Ceramic Package Quartz Crystal, 1.2 mm x 1.6 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ILSI [ILSI America LLC]
Strona internetowa  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

ILCX20-GB1F18-20.000 Arkusz danych(HTML) 1 Page - ILSI America LLC

  ILCX20-GB1F18-20.000 Datasheet HTML 1Page - ILSI America LLC ILCX20-GB1F18-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 Pad Ceramic Package Quartz Crystal, 1.2 mm x 1.6 mm
ILCX20 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
05/24/12
Specifications subject to change without notice
Page 1
1
4
3
2
1.6
+/-0.05
0.40
+/-0.05
1.25
+/-0.05
2
3
1
4
Dimension Units: mm
Connection diagram
Recommended pad layout
2
3
1
4
0.5
0.6
4
1
3
2
GND
GND
0.4 +/-0.1
0.5 +/-0.1
0.5
0.3
0.5
0.3
Product Features:
Applications:
Low Cost SMD Package
Fibre Channel
Ultra Miniature Package
Server & Storage
Compatible with Leadfree Processing
Sonet /SDH
802.11 / Wifi
T1/E1, T3/E3
* Not available at all frequencies. ** Not available for all temperature ranges.
Frequency
26 MHz to 60 MHz
ESR (Equivalent Series Resistance)
26.0 MHz – 39.9 MHz
40.0 MHz – 60.0 MHz
150 Max.
100 Max.
Shunt Capacitance (C0)
5.0 pF Max.
Frequency Tolerance @ 25
 C
30 ppm Standard (see Part Number Guide for more options)
Frequency Stability over
Temperature
50 ppm Standard (see Part Number Guide for more options)
Crystal Cut
AT Cut
Load Capacitance
8 pF Standard
Drive Level
100 µW Max.
Aging
5 ppm Max. / Year Standard
Temperature
Operating
-10
 C to +60 C (see Part Number Guide for more options)
Storage
-40
 C to +85 C
Part Number Guide
Sample Part Number:
ILCX20 - FB1F8 - 20.000
Package
Tolerance
(ppm) at Room
Temperature
Stability
(ppm) over Operating
Temperature
Operating
Temperature Range
Mode
(overtone)
Load Capacitance
(pF)
Frequency
ILCX20 -
B = ±50 ppm
B = ±50 ppm
0 = 0°C to +50°C
F = Fundamental
18 pF Standard
Or Specify
- 20.000 MHz
F = ±30 ppm
F = ±30 ppm
1 = 0°C to +70°C
G = ±25 ppm
G = ±25 ppm
2 = -10°C to +60°C
H = ±20 ppm
H = ±20 ppm
3 = -20°C to +70°C
I = ±15 ppm
I = ±15 ppm**
5 = -40°C to +85°C
J = ±10 ppm*
J = ±10 ppm**
9 = -10°C to +50°C


Podobny numer części - ILCX20-GB1F18-20.000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ILSI America LLC
ILCX21 ILSI-ILCX21 Datasheet
588Kb / 2P
   Compatible with Leadfree Processing
More results

Podobny opis - ILCX20-GB1F18-20.000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ILSI America LLC
ILCX19 ILSI-ILCX19 Datasheet
46Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 1.6 mm x 2 mm
ILCX08 ILSI-ILCX08 Datasheet
53Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX07 ILSI-ILCX07 Datasheet
46Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
logo
Jauch Quartz Gmbh
JTX210 JAUCH-JTX210 Datasheet
257Kb / 2P
   4 Pad Version 1.6 x 1.2 mm
JXS11 JAUCH-JXS11 Datasheet
158Kb / 2P
   4 Pad Version 1.6 x 1.2 mm
logo
ILSI America LLC
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX10 ILSI-ILCX10 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
ILCX03 ILSI-ILCX03 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX09 ILSI-ILCX09 Datasheet
56Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
IL3M ILSI-IL3M Datasheet
45Kb / 2P
   4 Pad Plastic Package Quartz Crystal, 3.8 mm x 8 mm
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com