Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

I124-2J5-20.000 Arkusz danych(PDF) 2 Page - ILSI America LLC

Numer części I124-2J5-20.000
Szczegółowy opis  Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ILSI [ILSI America LLC]
Strona internetowa  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I124-2J5-20.000 Arkusz danych(HTML) 2 Page - ILSI America LLC

  I124-2J5-20.000 Datasheet HTML 1Page - ILSI America LLC I124-2J5-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Leaded Oscillator, TCXO, TCVCXO
I123/I124/I323/I324 Series
Metal Package, Full Size DIP
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
12/10_B
Specifications subject to change without notice
Page 2
Pb Free Solder Reflow Profile:
Typical Application:
*Units are backward compatible with 240C reflow processes
Package Information:
MSL = 2a
Termination = e1 (Sn / Cu / Ag over Ni over Kovar base metal).
Environmental Specifications
Thermal Shock
MIL-STD-883, Method 1011, Condition A
Moisture Resistance
MIL-STD-883, Method 1004
Mechanical Shock
MIL-STD-883, Method 2002, Condition B
Mechanical Vibration
MIL-STD-883, Method 2007, Condition A
Resistance to Soldering Heat
J-STD-020C, Table 5-2 Pb-free devices (except 2 cycles max)
Hazardous Substance
Pb-Free / RoHS / Green Compliant
Solderability
JESD22-B102-D Method 2 (Preconditioning E)
Terminal Strength
MIL-STD-883, Method 2004, Test Condition D
Gross Leak
MIL-STD-883, Method 1014, Condition C
Fine Leak
MIL-STD-883, Method 1014, Condition A2, R1=2x10-8 atm cc/s
Solvent Resistance
MIL-STD-202, Method 215
Marking
Line 1: ILSI and Date Code
Line 2: IXXX-XXX (Part Number detail = IXXX-XXX-Freq.)
Line 3: Frequency


Podobny numer części - I124-2J5-20.000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SICK AG
I12-SA113 SICK-I12-SA113 Datasheet
297Kb / 7P
   ELECTRO-MECHANICAL SAFETY SWITCHES
I12-SA203 SICK-I12-SA203 Datasheet
297Kb / 7P
   ELECTRO-MECHANICAL SAFETY SWITCHES
I12-SB213 SICK-I12-SB213 Datasheet
313Kb / 7P
   ELECTRO-MECHANICAL SAFETY SWITCHES
I12-SB215 SICK-I12-SB215 Datasheet
325Kb / 7P
   ELECTRO-MECHANICAL SAFETY SWITCHES
logo
ILSI America LLC
I121 ILSI-I121 Datasheet
51Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
More results

Podobny opis - I124-2J5-20.000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ILSI America LLC
I121 ILSI-I121 Datasheet
51Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
I401 ILSI-I401 Datasheet
43Kb / 2P
   Leaded Oscillator, OCXO Metal Package, Full Size DIP
I212 ILSI-I212 Datasheet
47Kb / 2P
   Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
I202 ILSI-I202 Datasheet
48Kb / 2P
   Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
logo
Suntsu Electronics, Inc...
STCFSC SUNTSU-STCFSC Datasheet
346Kb / 3P
   Metal Full Size Dip CMOS (VC)TCXO
STCFSK SUNTSU-STCFSK Datasheet
398Kb / 3P
   Metal Full Size Dip Clipped Sinewave (VC)TCXO
logo
Mercury United Electron...
OC14E MERCURY-OC14E Datasheet
175Kb / 2P
   Full size 4 pin DIP full metal package
OC14T MERCURY-OC14T Datasheet
175Kb / 2P
   Full size 4 pin DIP full metal package
logo
Suntsu Electronics, Inc...
SXOFSC SUNTSU-SXOFSC Datasheet
371Kb / 3P
   Metal Full lf Size DIP CMOS Oscillator
SSTFSC SUNTSU-SSTFSC Datasheet
447Kb / 3P
   Metal Full Size Dip Stratum 3 CMOS (VC)TCXO
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com