Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LCXH16244MEA Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części 74LCXH16244MEA
Szczegółowy opis  Low Voltage 16-Bit Buffer/Line Driver with Bushold
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH16244MEA Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

  74LCXH16244MEA Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH16244MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH16244MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH16244MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH16244MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH16244MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH16244MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH16244MEA Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH16244MEA Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
AC LOADING and WAVEFORMS Generic for LCX Family
FIGURE 1. AC Test Circuit (CL includes probe and jig capacitance)
Waveform for Inverting and Non-Inverting Functions
Propagation Delay. Pulse Width and trec Waveforms
3-STATE Output Low Enable and
Disable Times for Logic
3-STATE Output High Enable and
Disable Times for Logic
Setup Time, Hold Time and Recovery Time for Logic
trise and tfall
FIGURE 2. Waveforms
(Input Characteristics; f =1MHz, tR = tF = 3ns)
VI
CL
6V for VCC = 3.3V, 2.7V
50 pF
VCC * 2 for VCC = 2.5V
30 pF
Symbol
VCC
3.3V
± 0.3V
2.7V
2.5V
± 0.2V
Vmi
1.5V
1.5V
VCC/2
Vmo
1.5V
1.5V
VCC/2
Vx
VOL + 0.3V
VOL + 0.3V
VOL + 0.15V
Vy
VOH − 0.3V
VOH − 0.3V
VOH − 0.15V


Podobny numer części - 74LCXH16244MEA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCXH16244MEA FAIRCHILD-74LCXH16244MEA Datasheet
124Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
logo
ON Semiconductor
74LCXH16244MEA ONSEMI-74LCXH16244MEA Datasheet
231Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
More results

Podobny opis - 74LCXH16244MEA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCXH16244 FAIRCHILD-74LCXH16244_05 Datasheet
124Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74VCXH16244 FAIRCHILD-74VCXH16244 Datasheet
159Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16240 FAIRCHILD-74ALVCH16240 Datasheet
85Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold
74VCXH16240 FAIRCHILD-74VCXH16240 Datasheet
76Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold
logo
Toshiba Semiconductor
TC74VCXH16244FT TOSHIBA-TC74VCXH16244FT_07 Datasheet
205Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXH162244FT TOSHIBA-TC74VCXH162244FT Datasheet
211Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
logo
Fairchild Semiconductor
74ALVCH162244 FAIRCHILD-74ALVCH162244 Datasheet
81Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com