Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LCXH16373 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 74LCXH16373
Szczegółowy opis  Low Voltage 16-Bit Transparent Latch with Bushold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH16373 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  74LCXH16373 Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH16373 Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH16373 Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH16373 Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH16373 Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH16373 Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH16373 Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH16373 Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH16373 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.fairchildsemi.com
2
Connection Diagrams
Pin Assignment for SSOP and TSSOP
Pin Assignment for FBGA
(Top Thru View)
Pin Descriptions
FBGA Pin Assignments
Truth Tables
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
O0 = Previous O0 before HIGH-to-LOW transition of Latch Enable
Pin Names
Description
OEn
Output Enable Input (Active LOW)
LEn
Latch Enable Input
I0–I15
Bushold Inputs
O0–O15
Outputs
NC
No Connect
1
234
56
A
O0
NC
OE1
LE1
NC
I0
B
O2
O1
NC
NC
I1
I2
C
O4
O3
VCC
VCC
I3
I4
D
O6
O5
GND
GND
I5
I6
E
O8
O7
GND
GND
I7
I8
F
O10
O9
GND
GND
I9
I10
G
O12
O11
VCC
VCC
I11
I12
H
O14
O13
NC
NC
I13
I14
J
O15
NC
OE2
LE2
NC
I15
Inputs
Outputs
LE1
OE1
I0–I7
O0–O7
XH
X
Z
HL
L
L
HL
H
H
LL
X
O0
Inputs
Outputs
LE2
OE2
I8–I15
O8–O15
XH
X
Z
HL
L
L
HL
H
H
LL
X
O0


Podobny numer części - 74LCXH16373

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCXH16374 FAIRCHILD-74LCXH16374 Datasheet
204Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374 FAIRCHILD-74LCXH16374 Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374G FAIRCHILD-74LCXH16374G Datasheet
204Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374G FAIRCHILD-74LCXH16374G Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374MEA FAIRCHILD-74LCXH16374MEA Datasheet
204Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
More results

Podobny opis - 74LCXH16373

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
74LCXH162373 FAIRCHILD-74LCXH162373 Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
logo
Toshiba Semiconductor
TC74VCXH162373FT TOSHIBA-TC74VCXH162373FT Datasheet
221Kb / 13P
   Low-Voltage 16-Bit D-Type Latch with Bushold
TC74VCXH16373FT TOSHIBA-TC74VCXH16373FT_07 Datasheet
217Kb / 14P
   Low-Voltage 16-Bit D-Type Latch with Bushold
logo
Fairchild Semiconductor
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373_05 Datasheet
153Kb / 9P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
logo
ON Semiconductor
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
74VCX16373 ONSEMI-74VCX16373_18 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCX162373 ONSEMI-74VCX162373 Datasheet
262Kb / 10P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com