Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-A1125 Arkusz danych(PDF) 2 Page - Diotec Semiconductor

Numer części SI-A1125
Szczegółowy opis  High Voltage Silicon Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOTEC [Diotec Semiconductor]
Strona internetowa  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SI-A1125 Arkusz danych(HTML) 2 Page - Diotec Semiconductor

  SI-A1125_13 Datasheet HTML 1Page - Diotec Semiconductor SI-A1125_13 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SI-A1125/500-6 ... SI-A8000/3600-1.8
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
Admissible torque for mounting
Zulässiges Anzugsdrehmoment
M8
< 72 lb.in.
< 8 Nm
Characteristics
Kennwerte
Type
Typ
Forward voltage
Durchlass-Spannung
VF [V] at/bei IF [A]
Tj = 25°C
Leakage current
Sperrstrom
IR [µA] at / bei VRRM
Tj = 25°C
Leakage current
Sperrstrom
IR [mA] at / bei VRRM
Tj = 150°C
SI-A1125/500-6
< 3
6
< 5
< 1
SI-A1750/775-4
< 4
4
< 5
< 1
SI-A3000/1350-2.5
< 6
2.5
< 5
< 1
SI-A8000/3600-1.8
< 15
1.8
< 5
< 1
Cascade connection by screwing on top of each other:
Kaskadierbar durch Aufeinanderschrauben:
2
http://www.diotec.com/
© Diotec Semiconductor AG
SI-A 3000/1350-2.5
SI-A 3000/1350-2.5
SI-A 3000/1350-2.5
SI-A 3000/1350-2.5


Podobny numer części - SI-A1125_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotec Semiconductor
SI-A1125 DIOTEC-SI-A1125_18 Datasheet
186Kb / 2P
   Standard Recovery High Voltage Rectifier Diodes
More results

Podobny opis - SI-A1125_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotec Semiconductor
BY4 DIOTEC-BY4_11 Datasheet
98Kb / 2P
   High Voltage Silicon Rectifier Diodes
logo
Semikron International
BV8 SEMIKRON-BV8_06 Datasheet
55Kb / 2P
   High voltage silicon rectifier diodes
logo
Diotec Semiconductor
SI-E8000 DIOTEC-SI-E8000 Datasheet
191Kb / 2P
   High Voltage Silicon Rectifier Diodes
logo
GETAI ELECTRONICS DEVIC...
HV500F12 GETEDZ-HV500F12_1 Datasheet
512Kb / 2P
   High voltage silicon rectifier diodes
HV500F15 GETEDZ-HV500F15_1 Datasheet
512Kb / 2P
   High voltage silicon rectifier diodes
HV500F10 GETEDZ-HV500F10_1 Datasheet
512Kb / 2P
   High voltage silicon rectifier diodes
ESJC50F10 GETEDZ-ESJC50F10_17 Datasheet
512Kb / 2P
   High voltage silicon rectifier diodes
HV500F08 GETEDZ-HV500F08_1 Datasheet
512Kb / 2P
   High voltage silicon rectifier diodes
ESJC50F15 GETEDZ-ESJC50F15_1 Datasheet
512Kb / 2P
   High voltage silicon rectifier diodes
ESJC50F12 GETEDZ-ESJC50F12_17 Datasheet
512Kb / 2P
   High voltage silicon rectifier diodes
logo
Diotec Semiconductor
SI-A3000_1350-6F DIOTEC-SI-A3000_1350-6F Datasheet
134Kb / 2P
   High Voltage Silicon Rectifier Diodes
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com