Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1902FAZ Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL1902FAZ
Szczegółowy opis  Full-Featured, Dimmable AC Mains LED Driver with PFC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1902FAZ Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL1902FAZ Datasheet HTML 1Page - Intersil Corporation ISL1902FAZ Datasheet HTML 2Page - Intersil Corporation ISL1902FAZ Datasheet HTML 3Page - Intersil Corporation ISL1902FAZ Datasheet HTML 4Page - Intersil Corporation ISL1902FAZ Datasheet HTML 5Page - Intersil Corporation ISL1902FAZ Datasheet HTML 6Page - Intersil Corporation ISL1902FAZ Datasheet HTML 7Page - Intersil Corporation ISL1902FAZ Datasheet HTML 8Page - Intersil Corporation ISL1902FAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ISL1902
2
FN7981.2
March 20, 2013
Pin Configuration
ISL1902
(24 LD QSOP
TOP VIEW
VDD
PRELOAD
OFFREF
VREF
IOUT
CS+
CS-
REFIN
LPOUT
OC
FB2
FB1
OUT
INRUSH
GND
AC
OVP
LREF
RAMP
VERR
DELADJ
PWMOUT
LOUT
LFB
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
Pin Descriptions
PIN # SYMBOL
DESCRIPTION
1
VDD
VDD is the power connection for the IC. To optimize noise immunity, bypass VDD to GND with a ceramic capacitor as close to the VDD
and GND pins as possible.
2
PRELOAD The output control signal to drive an external FET placed in parallel with the LED load. This feature allows the output capacitor to be
quickly discharged to prevent continued low level illumination of the LEDs due to stored energy in the output capacitor.
3
OFFREF Sets the reference level to disable the driver at light loading. The turn-off reference can be set at any level between 0V and 0.6V,
corresponding to 0% to 100% of output loading. This feature is normally used in triac-based wall dimmer applications to disable the
output before the dimmer becomes unstable due to insufficient holding current. OFFREF triggers PRELOAD to discharge the output
capacitance with an external FET.
4
VREF
The 5.40V reference voltage output having ±100mV tolerance over line, load and operating temperature. Bypass to GND with a 0.1µF
to 3.3µF low ESR capacitor.
5
IOUT
The output of the differential current sensing circuit. A pair of resistors and capacitors is placed on this output to form two low pass
filters. IOUT creates the current feedback signals for the control loop and is normally filtered and scaled prior to inputing at FB1 and
FB2 through separate input resistors to allow for different BWs.
6, 7
CS+, CS- The differential inputs for the current sense circuit. This circuit generates a DC feedback signal for the control loop as well as the
input to the CrCM circuit to determine the critical conduction operating point. CS± has a common mode range of -0.3V to 0.5V and
a differential input range of 0V to1.5V
8
REFIN
The reference voltage input that sets the control loop reference. Normally connected to LPOUT or an external control reference.
9
LPOUT
Output of the digital low-pass filter. The output ranges from 0V to 0.5V in proportion to the AC conduction angle. This output may be
used as is or manipulated (such as when used with an external light sensor or temperature monitor) and applied to REFIN to be used
as the reference for the control loop.
10
OC
This is the input to the peak overcurrent comparator. The overcurrent comparator threshold is set at 600mV nominal. Peak OCP is
required for cycle-by-cycle protection. It also protects against low AC line conditions. OCP includes leading-edge-blanking (LEB), which
blocks the signal at the beginning of the OUT pulse for the duration of the blanking period, and also while the OUT pulse is low.
11, 12 FB2, FB1 FBx is the inverting input to the error amplifier (EAs). The current feedback signal is applied to EA1 and EA2. EA1 is the primary error
amplifier and is used for steady state operation. EA2 is the secondary control loop for operation during transients. Normally EA1 is
configured for low bandwidth operation, about 20Hz, to obtain power factor correction. EA2 is configured for higher BW to respond
to transients. Both error amplifiers are externally compensated to give the user complete flexibility.
13
DELADJ Sets delay before a new switching cycles starts. This adjustment allows the user to delay the next switching cycle until the switching
FET drain-source voltage reaches a minimum value to allow quasi-ZVS (Zero Voltage Switching) operation. A resistor to ground
programs the delay. Pulling DELADJ to VREF disables the CrCM oscillator.
14
VERR
Output of the error amplifiers and the control voltage input to the inverting input of the PWM comparator. VERR requires an external
pull-up resistor to VREF.
15
RAMP
This is the input for the sawtooth waveform for the PWM comparator. Using an RC from VREF, a sawtooth waveform is created for
use by the PWM. It is compared to the error amplifier output, VERR, to create the PWM control signal. The RAMP pin is shorted to
GND at the termination of the PWM signal.
16
LFB
The inverting input to the uncommitted linear amplifier.


Podobny numer części - ISL1902FAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL1902FAZ RENESAS-ISL1902FAZ Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
More results

Podobny opis - ISL1902FAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Intersil Corporation
ISL1904FAZ INTERSIL-ISL1904FAZ Datasheet
623Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
September 20, 2012
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
logo
Bright Power Semiconduc...
BP5132HC BPS-BP5132HC Datasheet
494Kb / 2P
   Mains Dimmable Liner LED Driver
BP5152HC BPS-BP5152HC Datasheet
497Kb / 2P
   Mains Dimmable Liner LED Driver
logo
Intersil Corporation
ISL1903 INTERSIL-ISL1903 Datasheet
573Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
Renesas Technology Corp
ISL1903 RENESAS-ISL1903 Datasheet
888Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
NXP Semiconductors
AN10952 PHILIPS-AN10952_15 Datasheet
265Kb / 40P
   SSL2103 flexible, mains-dimmable LED driver
Rev. 1-24 December 2010
AN10754 PHILIPS-AN10754_15 Datasheet
214Kb / 37P
   SSL2101 and SSL2102 dimmable mains LED driver
Rev. 4.1-5 November 2012
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com