Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LCXZ16245MTD Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74LCXZ16245MTD
Szczegółowy opis  Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXZ16245MTD Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74LCXZ16245MTD Datasheet HTML 1Page - Fairchild Semiconductor 74LCXZ16245MTD Datasheet HTML 2Page - Fairchild Semiconductor 74LCXZ16245MTD Datasheet HTML 3Page - Fairchild Semiconductor 74LCXZ16245MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LCXZ16245MTD Datasheet HTML 5Page - Fairchild Semiconductor 74LCXZ16245MTD Datasheet HTML 6Page - Fairchild Semiconductor 74LCXZ16245MTD Datasheet HTML 7Page - Fairchild Semiconductor 74LCXZ16245MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2002 Fairchild Semiconductor Corporation
DS500580
www.fairchildsemi.com
March 2002
Revised March 2002
74LCXZ16245
Low Voltage 16-Bit Bidirectional Transceiver
with 5V Tolerant Inputs and Outputs
General Description
The LCXZ16245 contains sixteen non-inverting bidirec-
tional buffers with 3-STATE outputs and is intended for bus
oriented applications. The device is designed for low volt-
age (2.7V or 3.3V) VCC applications with capability of inter-
facing to a 5V signal environment. The device is byte
controlled. Each byte has separate control inputs which
could be shorted together for full 16-bit operation. The T/R
inputs determine the direction of data flow through the
device. The OE inputs disable both the A and B ports by
placing them in a high impedance state.
When VCC is between 0V and 1.5V, the LCXZ16245 is on
the high impedance state during power-up or power-down.
This places the outputs in the high impedance (Z) state
preventing intermittent low impedance loading or glitching
in bus oriented applications.
The LCXZ16245 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing CMOS low power dissipation.
Features
s 5V tolerant inputs and outputs
s 2.7V–3.6V VCC specifications provided
s 4.5 ns tPD max (VCC = 3.3V), 20 µA ICC max
s Power-down high impedance inputs and outputs
s Supports live insertion/withdrawal (Note 1)
s
±24 mA output drive (V
CC = 3.0V)
s Implements patented noise/EMI reduction circuitry
s Latch-up performance conforms to the requirements of
JESD78
s ESD performance:
Human body model
> 2000V
Machine model
> 200V
s Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA) (Preliminary)
Note 1: To ensure the high-impedance state during power up or down, OE
should be tied to VCC through a pull-up resistor: the minimum value or the
resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Note 2: BGA package available in Tape and Reel only.
Logic Symbol
Order Number
Package Number
Package Description
74LCXZ16245GX
(Note 2)
BGA54A
(Preliminary)
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[TAPE and REEL]
74LCXZ16245MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Podobny numer części - 74LCXZ16245MTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCXZ16245MTD FAIRCHILD-74LCXZ16245MTD Datasheet
81Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCXZ16245MTD ONSEMI-74LCXZ16245MTD Datasheet
186Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver
Revised June 2005
More results

Podobny opis - 74LCXZ16245MTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCX16245 FAIRCHILD-74LCX16245 Datasheet
86Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245 Datasheet
105Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245_08 Datasheet
876Kb / 14P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245 Datasheet
102Kb / 12P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX245 NSC-54LCX245 Datasheet
117Kb / 6P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX245 ONSEMI-74LCX245 Datasheet
740Kb / 16P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX32245 FAIRCHILD-74LCX32245 Datasheet
125Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com