Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LCXZ245MTC Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 74LCXZ245MTC
Szczegółowy opis  Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXZ245MTC Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  74LCXZ245MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LCXZ245MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LCXZ245MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LCXZ245MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LCXZ245MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LCXZ245MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LCXZ245MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LCXZ245MTC Datasheet HTML 8Page - Fairchild Semiconductor 74LCXZ245MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.fairchildsemi.com
2
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Note 2: Unused bus terminals during HIGH Z State must be held HIGH or LOW.
Logic Diagram
Inputs
Outputs
OE
T/R
L
L
Bus B0 – B7 Data to Bus A0 – A7
L
H
Bus A0 – A7 Data to Bus B0 – B7
H
X
HIGH Z State on A0 – A7, B0 – B7 (Note 2)


Podobny numer części - 74LCXZ245MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCXZ245MTC FAIRCHILD-74LCXZ245MTC Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results

Podobny opis - 74LCXZ245MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX245 FAIRCHILD-74LCX245_08 Datasheet
876Kb / 14P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245 Datasheet
102Kb / 12P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX245 NSC-54LCX245 Datasheet
117Kb / 6P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX245 ONSEMI-74LCX245 Datasheet
740Kb / 16P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX16245 FAIRCHILD-74LCX16245 Datasheet
86Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX32245 FAIRCHILD-74LCX32245 Datasheet
125Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com