Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVQ157 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 74LVQ157
Szczegółowy opis  Low Voltage Quad 2-Input Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ157 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  74LVQ157 Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ157 Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ157 Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ157 Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ157 Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ157 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics
Symbol
Parameter
VCC
(V)
TA = +25˚C
CL = 50 pF
TA = −40˚C to +85˚C
CL = 50 pF
Units
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.7
1.5
84
16.2
1.5
19.0
ns
StoZn
3.3 ±0.3
1.5
7.0
11.5
1.5
13.0
tPHL
Propagation Delay
2.7
1.5
7.8
15.5
1.5
17.0
ns
StoZn
3.3 ±0.3
1.5
6.5
11.0
1.5
12.0
tPLH
Propagation Delay
2.7
1.5
8.4
16.2
1.5
19.0
ns
EtoZn
3.3 ±0.3
1.5
7.0
11.5
1.5
13.0
tPHL
Propagation Delay
2.7
1.5
7.8
15.5
1.5
17.0
ns
EtoZn
3.3 ±0.3
1.5
6.5
11.0
1.5
12.0
tPLH
Propagation Delay
2.7
1.5
6.0
12.0
1.0
13.0
ns
In to Zn
3.3 ±0.3
1.5
5.0
8.5
1.0
9.0
tPHL
Propagation Delay
2.7
1.5
6.0
11.3
1.0
13.0
ns
In to Zn
3.3 ±0.3
1.5
5.0
8.0
1.0
9.0
tOSHL,
Output to Output Skew (Note 9)
2.7
1.0
1.5
1.5
ns
tOSLH
Data to Output
3.3 ±0.3
1.0
1.5
1.5
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The speci-
fication applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VC = Open
CPD (Note 10)
Power Dissipation
34.0
pF
VCC = 3.3V
Capacitance
Note 10: CPD is measured at 10 MHz.
www.fairchildsemi.com
4


Podobny numer części - 74LVQ157

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74LVQ157 STMICROELECTRONICS-74LVQ157 Datasheet
60Kb / 8P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
February 1999
logo
Fairchild Semiconductor
74LVQ157 FAIRCHILD-74LVQ157 Datasheet
66Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
logo
STMicroelectronics
74LVQ157 STMICROELECTRONICS-74LVQ157 Datasheet
298Kb / 12P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
74LVQ157M STMICROELECTRONICS-74LVQ157M Datasheet
60Kb / 8P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
February 1999
74LVQ157MTR STMICROELECTRONICS-74LVQ157MTR Datasheet
298Kb / 12P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
More results

Podobny opis - 74LVQ157

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
logo
ON Semiconductor
74LCX257 ONSEMI-74LCX257 Datasheet
207Kb / 11P
   Low Voltage Quad 2-Input Multiplexer
Revised September 2000
logo
Fairchild Semiconductor
74LVX157 FAIRCHILD-74LVX157 Datasheet
77Kb / 7P
   Low Voltage Quad 2-Input Multiplexer
74LVQ157 FAIRCHILD-74LVQ157_01 Datasheet
66Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
logo
ON Semiconductor
74LCX157 ONSEMI-74LCX157 Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
logo
Motorola, Inc
MC74LCX157 MOTOROLA-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
MC74LCX158 MOTOROLA-MC74LCX158 Datasheet
115Kb / 4P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158_12 Datasheet
159Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
MC74LCX157 ONSEMI-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1997 REV 1
MC74LCX257 ONSEMI-MC74LCX257 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1996 REV 0.2
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com