Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVQ86SJ Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części 74LVQ86SJ
Szczegółowy opis  Low Voltage Quad 2-Input Exclusive-OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ86SJ Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  74LVQ86SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ86SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ86SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ86SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ86SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ86SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics
Symbol
Parameter
VCC
(V)
TA = +25˚C
CL = 50 pF
TA = −40˚C to +85˚C
CL = 50 pF
Units
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.7
2.0
7.2
16.2
1.5
18.0
ns
3.3 ±0.3
2.0
6.0
11.5
1.5
12.5
tPHL
Propagation Delay
2.7
2.0
7.8
16.2
1.5
18.0
ns
3.3 ±0.3
2.0
6.5
11.5
1.5
12.5
tOSHL,
Output to Output Skew
2.7
1.0
1.5
1.5
ns
tOSLH
(Note 9)
3.3 ±0.3
1.0
1.5
1.5
Note 9: Skews defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The speci-
fication applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CPD (Note 10)
Power Dissipation Capacitance
23
pF
VCC = 3.3V
Note 10: CPD is measured at 10 MHz.
3
www.fairchildsemi.com


Podobny numer części - 74LVQ86SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVQ86SJ FAIRCHILD-74LVQ86SJ Datasheet
52Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate
More results

Podobny opis - 74LVQ86SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVQ86 FAIRCHILD-74LVQ86_01 Datasheet
52Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LVX86 ONSEMI-74LVX86 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX86 FAIRCHILD-74LVX86_08 Datasheet
306Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
74LVX86 FAIRCHILD-74LVX86 Datasheet
62Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate
74LVX86M FAIRCHILD-74LVX86M Datasheet
85Kb / 6P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LCX86 ONSEMI-74LCX86 Datasheet
331Kb / 11P
   Low Voltage Quad 2-Input Exclusive-OR Gate
March 2008 Rev. 1.5.0
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com