Zakładka z wyszukiwarką danych komponentów |
|
3-1393303-7 Arkusz danych(PDF) 2 Page - Tyco Electronics |
|
3-1393303-7 Arkusz danych(HTML) 2 Page - Tyco Electronics |
2 / 4 page 2 06-2012, Rev. 0612 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company. Datasheets and product specification ac- cording to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. Power Relay F4 (Continued) Automotive Relays Plug-in Mini ISO Relays Max. load DC breaking capacity Load limit curve 1: arc extinguishes during transit time (CO contact). Load limit curve 2: safe shutdown, no stationary arc (NO contact). Load limit curves measured with low inductive resistors verified for 1000 switching events. Coil Data Rated coil voltage 12/24VDC Coil versions, DC coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance6) power6) VDC VDC VDC Ω±10% W 052 12 7.2 1.6 90 1.6 053 24 14.4 3.2 324 1.8 056 24 16 4 268 2.1 All figures are given for coil without pre-energization, at ambient temperature +23°C. Coil operating range Does not take into account the temperature rise due to the contact current E = pre-energization TE0701-J1 Does not take into account the temperature rise due to the contact current E=pre- energization.. 6) Without components in parallel. Insulation Data Initial dielectric strength between open contacts 500Vrms between contact and coil 500Vrms between adjacent contacts 500Vrms Load dump test ISO 7637-1 (12VDC), test pulse 5 Vs=+86.5VDC ISO 7637-2 (24VDC), test pulse 5 Vs=+200VDC Other Data EU RoHS/ELV compliance compliant Ambient temperature DC coil -40 to +125°C Protection to heat and fire UL94-HB or better7) Climatic cycling with condensation EN ISO 6988 6 cycles, storage 8/16h Temperature cycling IEC 60068-2-14, Nb 10 cycles, -40/+85°C (5°C/min) Damp heat cyclic IEC 60068-2-30, Db, Variant 1 6 cycles, upper air temp. 55°C Damp heat constant IEC 60068-2-3, Ca 56 days Category of environmental protection, IEC 61810 RTI – dustproof, RT III – sealed Degree of protection, IEC 60529 IP54 (dustproof), IP67 (sealed) Corrosive gas IEC 60068-2-42 10±2cm3/m3 SO2, 10 days IEC 60068-2-43 1±0.3cm3/m3 H2S, 10 days Vibration resistance (functional) IEC 60068-2-6 (sine sweep) 10 to 500Hz > 5g8) Shock resistance (functional) IEC 60068-2-27 (half sine) 11ms >20g8) Drop test, free fall IEC 60068-2-32 1m onto concrete Terminal type plug-in, QC/PCB Cover retention axial force 150N pull force 150N push force 150N Terminal retention pull force 100N push force 100N resistance to bending, force applied to front9) 10N resistance to bending, force applied to side9) 10N torque 0.3Nm Weight approx. 35g (1.2oz) Packaging unit plug-in/PCB 315 pcs. plug-in with bracket 200 pcs. 7) Refers to used materials. 8) No change in the switching state >10μs. Valid for NC contacts, NO contact values significantly higher. 9) Values apply 2mm from the end of the terminal. When the force is removed, the terminal must not have moved by more than 0.3mm. Accessories For details see datasheet Connectors for Mini ISO Relays |
Podobny numer części - 3-1393303-7 |
|
Podobny opis - 3-1393303-7 |