Zakładka z wyszukiwarką danych komponentów |
|
4-1393303-8 Arkusz danych(PDF) 4 Page - Tyco Electronics |
|
4-1393303-8 Arkusz danych(HTML) 4 Page - Tyco Electronics |
4 / 4 page 4 06-2012, Rev. 0612 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company. Datasheets and product specification ac- cording to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. Power Relay F4 (Continued) Automotive Relays Plug-in Mini ISO Relays Product code structure Typical product code V23134 -A 0 052 -C642 Type V23134 Power Relay F4 Contact arrangement A 1 form C, 1 CO C 1 form A, 1 NO (2x87) B 1 form A, 1 NO K 1 form A, 1 NO (non ISO) M 1 form U, 2 NO Cover 0 Standard 1 Bracket at terminal 30 ISO 2 Bracket at terminal 86 ISO Coil 052 12VDC 053 24VDC 056 24VDC (contact gap >0.8mm) Terminal/arrangement C642 Plug-in/NO C643 Plug-in/CO G242 PCB/NO G243 PCB/CO Xnnn Customized (nnn: version number) Product code Arrangement Version Coil suppr. Circuit1) Coil Arrangement Terminals Part number V23134-A0052-C643 1 form C, 1 CO Standard CO 12VDC Silver based Plug-in, QC 2-1393302-2 V23134-A0052-G243 PCB 2-1393302-3 V23134-A0052-X278 R 560Ω COR Plug-in, QC 4-1393302-1 V23134-A0053-C643 CO 24VDC 5-1393302-1 V23134-A0053-G243 PCB 5-1393302-2 V23134-A0056-X4322) D (cathode 86) COD Plug-in, QC 1-1414167-0 V23134-A0056-X4332) R 1200Ω COR 1-1414168-0 V23134-A1052-C643 Bracket CO 12VDC 5-1393302-8 V23134-A1052-X294 R 560Ω COR 6-1393302-0 V23134-A1053-C643 CO 24VDC 6-1393302-3 V23134-A1053-X295 R 1200Ω COR 6-1393302-4 V23134-B0052-C642 1 form A, 1 NO Standard NO 12VDC 7-1393302-5 V23134-B0052-G242 PCB 7-1393302-7 V23134-B0052-X270 R 680Ω NOR Plug-in, QC 1-1414099-0 V23134-B0052-X506 R 560Ω NOR_SD3) 4-1414992-3 V23134-B0053-C642 NO 24VDC 0-1393303-9 V23134-B1052-C642 Bracket 12VDC 3-1393303-4 V23134-B1053-C642 24VDC 3-1393303-7 V23134-B1053-X296 R 1200Ω NOR 3-1393303-8 V23134-C0052-C642 1 form A, 1 NO (2x87) Standard NO_2x87 12VDC 3-1393303-9 V23134-C0053-C642 24VDC 4-1393303-4 V23134-C1052-C642 Bracket 12VDC 4-1393303-7 V23134-C1052-X280 R 560Ω NOR_2x87 4-1393303-8 V23134-C1053-C642 NO_2x87 24VDC 5-1393303-0 V23134-K1052-X399 1 form A, 1 NO R 560Ω NOR non ISO 12VDC Plug-in, QC/non ISO 1-1393305-1 V23134-M0052-C642 1 form U, 2 NO Standard DNO Plug-in, QC 5-1393304-6 V23134-M0052-G242 PCB 5-1393304-7 V23134-M0053-C642 24VDC Plug-in, QC 6-1393304-7 V23134-M0053-G242 PCB 6-1393304-8 V23134-M1052-C642 Bracket 12VDC Plug-in, QC 7-1393304-1 V23134-M1053-C642 24VDC 7-1393304-4 1) See terminal assignment diagrams. 2) Special feature: contact gap >0.8mm. 3) Serial diode. Other types on request. This list represents the most common types and does not show all variants covered by this datasheet. |
Podobny numer części - 4-1393303-8 |
|
Podobny opis - 4-1393303-8 |