Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA40-700B Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części BTA40-700B
Szczegółowy opis  40 A standard TRIACs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA40-700B Arkusz danych(HTML) 2 Page - STMicroelectronics

  BTA40-700B Datasheet HTML 1Page - STMicroelectronics BTA40-700B Datasheet HTML 2Page - STMicroelectronics BTA40-700B Datasheet HTML 3Page - STMicroelectronics BTA40-700B Datasheet HTML 4Page - STMicroelectronics BTA40-700B Datasheet HTML 5Page - STMicroelectronics BTA40-700B Datasheet HTML 6Page - STMicroelectronics BTA40-700B Datasheet HTML 7Page - STMicroelectronics BTA40-700B Datasheet HTML 8Page - STMicroelectronics BTA40-700B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
BTA40, BTA41, BTB41
2/9
Doc ID 7469 Rev 8
1
Characteristics
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current
(full sine wave)
TOP3
Tc = 95 °C
40
A
RD91 / TOP ins.
Tc = 80 °C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25 °C)
F = 50 Hz
t = 20 ms
400
A
F = 60 Hz
t = 16.7 ms
420
I²tI²t Value for fusing
tp = 10 ms
1000
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125 °C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25 °C
VDSM/VRSM +
100
V
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
8
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
Table 3.
Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
IGT
(1)
VD = 12 V
RL = 33 Ω
I - II - III
IV
MAX.
50
100
mA
VGT
ALL
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ Tj = 125 °C
ALL
MIN.
0.2
V
IH (2)
IT = 500 mA
MAX.
80
mA
IL
IG = 1.2 IGT
I - III - IV
MAX.
70
mA
II
160
dV/dt(2)
VD = 67% VDRM gate open
Tj = 125 °C
MIN.
500
V/µs
(dV/dt)c(2)
(dI/dt)c = 20 A/ms
Tj = 125 °C
MIN.
10
V/µs
1.
Minimum IGT is guaranted at 5% of IGT max.
2.
for both polarities of A2 referenced to A1


Podobny numer części - BTA40-700B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kersemi Electronic Co.,...
BTA40-700B KERSEMI-BTA40-700B Datasheet
1Mb / 6P
   40A TRIACS
logo
Inchange Semiconductor ...
BTA40-700B ISC-BTA40-700B Datasheet
208Kb / 2P
   isc Triacs
More results

Podobny opis - BTA40-700B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
   40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
   40-A Silicon Triacs
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
   40-A Silicon Triacs
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
   Standard 1 A Triacs
Rev. 11 May 2019
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
TPDVXX40 STMICROELECTRONICS-TPDVXX40 Datasheet
199Kb / 8P
   40 A high voltage Triacs
June 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com