Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVTH574SJX Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 74LVTH574SJX
Szczegółowy opis  Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH574SJX Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  74LVTH574SJX Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH574SJX Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH574SJX Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH574SJX Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH574SJX Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH574SJX Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH574SJX Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH574SJX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
Truth Table
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial
Z
High Impedance
 LOW-to-HIGH Transition
Oo
Previous Oo before HIGH to LOW of CP
Functional Description
The LVT574 and LVTH574 consist of eight edge-triggered
flip-flops with individual D-type inputs and 3-STATE true
outputs. The buffered clock and buffered Output Enable
are common to all flip-flops. The eight flip-flops will store
the state of their individual D-type inputs that meet the
setup and hold time requirements on the LOW-to-HIGH
Clock (CP) transition. With the Output Enable (OE) LOW,
the contents of the eight flip-flops are available at the out-
puts. When the OE is HIGH, the outputs go to the high
impedance state. Operation of the OE input does not affect
the state of the flip-flops.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
D0–D7
Data Inputs
CP
Clock Pulse Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Outputs
Inputs
Outputs
Dn
CP
OE
On
H

LH
L

LL
XL
L
Oo
XX
H
Z


Podobny numer części - 74LVTH574SJX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74LVTH574SJ ONSEMI-74LVTH574SJ Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVTH574SJ FAIRCHILD-74LVTH574SJ_08 Datasheet
349Kb / 11P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Podobny opis - 74LVTH574SJX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVT374 FAIRCHILD-74LVT374 Datasheet
69Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
81Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574 Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574_08 Datasheet
349Kb / 11P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT374 FAIRCHILD-74LVT374_08 Datasheet
314Kb / 10P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574_05 Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
93Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVQ374 FAIRCHILD-74LVQ374 Datasheet
103Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH374 ONSEMI-74LVTH374 Datasheet
306Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ374 FAIRCHILD-74LVQ374_01 Datasheet
74Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com