Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS19601 Arkusz danych(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Numer części TS19601
Szczegółowy opis  700mA High Voltage Adjustable Current Regulator With Enable Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19601 Arkusz danych(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19601 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS19601
700mA High Voltage Adjustable Current Regulator
With Enable Control
5/8
Version: B11
Application Information (Continue)
LED Backlight Solution
TS19601 could coordinate with any type of DC-to-DC converter through feedback path to realized LED backlight
module. The number of LEDs in the string is variable even with certain fixed power source since the output voltage
of the DC-to-DC converter could be modulated according to feedback signal.
AC Voltage Input
TS19601 could work with any kind of well-known or well-developed switch-mode power supply system. Simply cut
off the internal feedback path of the power supply system and then feed the signal from TS19601 back to the
power supply system instead.


Podobny numer części - TS19601

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS19601 TSC-TS19601 Datasheet
268Kb / 8P
   700mA High Voltage Adjustable Current Regulator With Enable Control
TS19601CP5RO TSC-TS19601CP5RO Datasheet
268Kb / 8P
   700mA High Voltage Adjustable Current Regulator With Enable Control
TS19601CP5ROG TSC-TS19601CP5ROG Datasheet
268Kb / 8P
   700mA High Voltage Adjustable Current Regulator With Enable Control
TS19601 TSC-TS19601_15 Datasheet
268Kb / 8P
   700mA High Voltage Adjustable Current Regulator With Enable Control
More results

Podobny opis - TS19601

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS19601 TSC-TS19601_15 Datasheet
268Kb / 8P
   700mA High Voltage Adjustable Current Regulator With Enable Control
logo
ADDtek Corp
AMC7140 ADDTEK-AMC7140 Datasheet
199Kb / 9P
   700mA HIGH VOLTAGE ADJUSTABLE CURRENT REGULATOR WITH ENABLE CONTROL
APRIL 2007
logo
National Semiconductor ...
LP3994 NSC-LP3994 Datasheet
253Kb / 12P
   50mA CMOS Voltage Regulator with Enable Control
logo
Richtek Technology Corp...
RT9043GB RICHTEK-RT9043GB Datasheet
196Kb / 8P
   Adjustable Output Voltage, Enable/Shutdown Control
logo
SHANGHAI BELLING CO., L...
BL317B BELLING-BL317B Datasheet
259Kb / 10P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
BL317BT BELLING-BL317BT Datasheet
259Kb / 10P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317EMP TGS-LM317EMP Datasheet
406Kb / 7P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A6700 AITSEMI-A6700 Datasheet
719Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 700mA CMOS LOW NOISE WITH ENABLE PIN
REV1.4
logo
Richtek Technology Corp...
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
   Adjustable, 500mA LDO Regulator with Enable
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com