Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS34118 Arkusz danych(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Numer części TS34118
Szczegółowy opis  Voice Switched Speakerphone Circuit Chip disable for active/standby operation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118 Arkusz danych(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS34118_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34118_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34118_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34118_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34118_13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34118_13 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34118_13 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34118_13 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118_13 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TS34118
Voice Switched Speakerphone Circuit
4/21
Version: A13
Electrical Characteristics - Continue
Parameter
Symbol
Min
Typ
Max
Unit
Filter (TA=+25ºC)
Voltage offset at FO (VFO-VB, 220KΩ from VB to FI)
FOVOS
-200
-90
0
mV
FO sink current
IFO
150
260
400
µA
FI bias current
IFI
--
-50
--
nA
System Distortion (TA=+25ºC, f=1.0KHz)
Rx mode (from FI to RXO, FO connected to RXI)
THDR
--
0.5
3.0
%
Tx mode (from MCI to HTO-/HTO+, includes
Tx attenuator)
THDT
--
0.8
3.0
%
* All currents into a device pin are positive, those out of a pin are negative. Algebraic convention rather than
magnitude is used to define limits.
Simplified Block Diagram
Temperature Characteristics
Parameter
Typical Value @25ºC
Typical Change –20 to +60ºC
Vcc supply current (CD=0.8V)
5.0mA
-0.3%/ºC
Vcc supply current (CD=2.0V)
400µA
-0.4%/ºC
VB output voltage (Vcc=5.0V)
2.1V
+0.8%/ºC
Attenuator gain (Max Gain)
+6.0dB
0.0008dB/ºC
Attenuator gain (Max attenuation)
-46dB
0.004dB/ºC
Attenuator input resistance (@ TXI, RXI)
10KΩ
+0.6%/ºC
Dial tone detector threshold
15mV
+20µV/ºC
CT source, sink current
±60µA
-0.15%/ºC
Microphone, Hybrid amplifier offset
0 mV
±4.0µV/ºC
Transmit-Receive switching threshold
1.0
±0.02%/ºC
Sink current at RLO1, RLO2, TLO1, TLO2
4.0µA
-10nA/ºC
Closed loop gain (HTO- to HTO+)
0 dB
0.001%/ºC


Podobny numer części - TS34118_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
More results

Podobny opis - TS34118_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
logo
Integral Corp.
IL34118 INTEGRAL-IL34118 Datasheet
632Kb / 12P
   Voice Switched Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com