Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX16240MTD Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74VCX16240MTD
Szczegółowy opis  Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX16240MTD Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74VCX16240MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCX16240MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCX16240MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCX16240MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCX16240MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCX16240MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCX16240MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
January 1998
Revised April 1999
© 1999 Fairchild Semiconductor Corporation
DS500099.prf
www.fairchildsemi.com
74VCX16240
Low Voltage 16-Bit Inverting Buffer/Line Driver with
3.6V Tolerant Inputs and Outputs
General Description
The VCX16240 contains sixteen inverting buffers with 3-
STATE outputs to be employed as a memory and address
driver, clock driver, or bus oriented transmitter/receiver.
The device is nibble (4-bit) controlled. Each nibble has sep-
arate 3-STATE control inputs which can be shorted
together for full 16-bit operation.
The 74VCX16240 is designed for low voltage (1.65V to
3.6V) VCC applications with I/O capability up to 3.6V.
The 74VCX16240 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing low CMOS power dissipation.
Features
s 1.65V–3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s tPD
2.5 ns max for 3.0V to 3.6V VCC
3.0 ns max for 2.3V to 2.7V VCC
6.0 ns max for 1.65V to 1.95V VCC
s Power-off high impedance inputs and outputs
s Supports live insertion and withdrawal (Note 1)
s Static Drive (IOH/IOL)
±24 mA @ 3.0V V
CC
±18 mA @ 2.3V V
CC
±6 mA @ 1.65V V
CC
s Uses patented noise/EMI reduction circuitry
s Latch-up performance exceeds 300 mA
s ESD performance:
Human body model
> 2000V
Machine model
> 200V
Note 1: To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; the minimum
value of the resistor is determined by the current-sourcing capability of the
driver.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Order Number
Package Number
Package Descriptions
74VCX16240MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Names
Description
OEn
Output Enable Input (Active LOW)
I0–I15
Inputs
O0–O15
Outputs


Podobny numer części - 74VCX16240MTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCX16240MTD FAIRCHILD-74VCX16240MTD Datasheet
155Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
More results

Podobny opis - 74VCX16240MTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ALVC16240 FAIRCHILD-74ALVC16240 Datasheet
99Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16240 FAIRCHILD-74VCX16240_05 Datasheet
155Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16244 FAIRCHILD-74ALVC16244 Datasheet
117Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16244 FAIRCHILD-74VCX16244 Datasheet
52Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX162240 FAIRCHILD-74VCX162240_05 Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74VCX16827 FAIRCHILD-74VCX16827 Datasheet
55Kb / 7P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC162240 FAIRCHILD-74ALVC162240 Datasheet
83Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74LCX16240 FAIRCHILD-74LCX16240 Datasheet
106Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs
74ALVC16827 FAIRCHILD-74ALVC16827 Datasheet
76Kb / 6P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
International Rectifier
74VCX16827 IRF-74VCX16827_02 Datasheet
107Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com