Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX163245 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części 74VCX163245
Szczegółowy opis  Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX163245 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  74VCX163245 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
VCX163245 Translator Power Up Sequence Recommendations
To guard against power up problems, some simple guide-
lines need to be adhered to. The VCX163245 is designed
so that the control pins (T/Rn, OEn) are supplied by VCCB.
Therefore the first recommendation is to begin by powering
up the control side of the device, VCCB. The OEn control
pins should be ramped with or ahead of VCCB, this will
guard against bus contentions and oscillations as all A Port
and B Port outputs will be disabled. To ensure the high
impedance state during power up or power down, OEn
should be tied to VCCB through a pull up resistor. The mini-
mum value of the resistor is determined by the current
sourcing capability of the driver. Second, the T/Rn control
pins should be placed at logic LOW (0V) level, this will
ensure that the B-side bus pins are configured as inputs to
help guard against bus contention and oscillations. B-side
Data Inputs should be driven to a valid logic level (0V or
VCCB), this will prevent excessive current draw and oscilla-
tions. VCCA can then be powered up after VCCB, however
VCCA must be greater than or equal to VCCB to ensure
proper device operation. Upon completion of these steps
the device can then be configured for the users desired
operation. Following these steps will help to prevent possi-
ble damage to the translator device as well as other system
components.
Logic Diagrams
Please note that these diagrams are provided only for the understanding of logic operations and should not be used to estimate propagation delays.


Podobny numer części - 74VCX163245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74VCX163245 STMICROELECTRONICS-74VCX163245 Datasheet
342Kb / 15P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
logo
ON Semiconductor
74VCX163245 ONSEMI-74VCX163245 Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
74VCX163245G ONSEMI-74VCX163245G Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Fairchild Semiconductor
74VCX163245G FAIRCHILD-74VCX163245G_07 Datasheet
338Kb / 12P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
STMicroelectronics
74VCX163245LB STMICROELECTRONICS-74VCX163245LB Datasheet
342Kb / 15P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
More results

Podobny opis - 74VCX163245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCX164245 FAIRCHILD-74VCX164245 Datasheet
101Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74VCX163245 FAIRCHILD-74VCX163245_07 Datasheet
338Kb / 12P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74ALVC163245 FAIRCHILD-74ALVC163245 Datasheet
106Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Fairchild Semiconductor
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com