Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX16374G Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74VCX16374G
Szczegółowy opis  Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX16374G Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74VCX16374G Datasheet HTML 1Page - Fairchild Semiconductor 74VCX16374G Datasheet HTML 2Page - Fairchild Semiconductor 74VCX16374G Datasheet HTML 3Page - Fairchild Semiconductor 74VCX16374G Datasheet HTML 4Page - Fairchild Semiconductor 74VCX16374G Datasheet HTML 5Page - Fairchild Semiconductor 74VCX16374G Datasheet HTML 6Page - Fairchild Semiconductor 74VCX16374G Datasheet HTML 7Page - Fairchild Semiconductor 74VCX16374G Datasheet HTML 8Page - Fairchild Semiconductor 74VCX16374G Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 7: Outputs disabled or 3-STATE only.
AC Electrical Characteristics (Note 8)
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VOL
LOW Level Output Voltage
IOL 100 PA
2.7 - 3.6
0.2
V
IOL 12 mA
2.7
0.4
IOL 18 mA
3.0
0.4
IOL 24 mA
3.0
0.55
IOL 100 PA
2.3 - 2.7
0.2
IOL 12 mA
2.3
0.4
IOL 18 mA
2.3
0.6
IOL 100 PA
1.65 - 2.3
0.2
IOL 6 mA
1.65
0.3
IOL 100 PA
1.4 - 1.6
0.2
IOL 2 mA
1.4
0.35
IOL 100 PA
1.2
0.05
II
Input Leakage Current
0
d VI d 3.6V
1.2 - 3.6
r5.0
PA
IOZ
3-STATE Output Leakage
0
d VO d 3.6V
1.2 - 3.6
r10
PA
VI VIH or VIL
IOFF
Power-OFF Leakage Current
0
d (VI, VO) d 3.6V
0
10
PA
ICC
Quiescent Supply Current
VI VCC or GND
1.2 - 3.6
20
PA
VCC d (VI, VO) d 3.6V (Note 7)
1.2 - 3.6
r20
'ICC
Increase in ICC per Input
VIH VCC 0.6V
2.7 - 3.6
750
PA
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
Figure
(V)
Min
Max
Number
fMAX
Maximum Clock Frequency
CL 30 pF, RL 500:
3.3
r 0.3
250
ns
Figures
1, 2
2.5
r 0.2
200
1.8
r 0.15
100
CL 15 pF, RL 2k:
1.5
r 0.1
80
Figures
7, 8
1.2
40
tPHL,
Propagation Delay CP to On
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.0
ns
Figures
1, 2
tPLH
2.5
r 0.2
1.0
3.9
1.8
r 0.15
1.5
7.8
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
15.6
Figures
7, 8
1.2
1.5
39
tPZL,
Output Enable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.5
ns
Figures
1, 3, 4
tPZH
2.5
r 0.2
1.0
4.6
1.8
r 0.15
1.5
9.2
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
18.4
Figures
7, 9, 10
1.2
1.5
46
tPLZ,
Output Disable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.5
ns
Figures
1, 3, 4
tPHZ
2.5
r 0.2
1.0
3.8
1.8
r 0.15
1.5
6.8
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
13.6
Figures
7, 9, 10
1.2
1.5
34
tS
Setup Time
CL 30 pF, RL 500:
3.3
r 0.3
1.5
ns
Figures
1, 6
2.5
r 0.2
1.5
1.8
r 0.15
2.5
CL 15 pF, RL 2k:
1.5
r 0.1
3.0
Figures
6, 7
1.2
6


Podobny numer części - 74VCX16374G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74VCX16374 ONSEMI-74VCX16374 Datasheet
241Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
logo
STMicroelectronics
74VCX16374 STMICROELECTRONICS-74VCX16374 Datasheet
312Kb / 12P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
logo
ON Semiconductor
74VCX16374DT ONSEMI-74VCX16374DT Datasheet
241Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
74VCX16374DTR ONSEMI-74VCX16374DTR Datasheet
241Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
More results

Podobny opis - 74VCX16374G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VCX162374FT TOSHIBA-TC74VCX162374FT Datasheet
372Kb / 10P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16374FT TOSHIBA-TC74VCX16374FT Datasheet
380Kb / 11P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16374 FAIRCHILD-74ALVC16374 Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MA574FK TOSHIBA-TC7MA574FK Datasheet
331Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA374FK TOSHIBA-TC7MA374FK Datasheet
330Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA2374FK TOSHIBA-TC7MA2374FK Datasheet
333Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX574FT TOSHIBA-TC74VCX574FT Datasheet
336Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA2574FX TOSHIBA-TC7MA2574FX Datasheet
333Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX2574FT TOSHIBA-TC74VCX2574FT Datasheet
340Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX374FT TOSHIBA-TC74VCX374FT Datasheet
334Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com