Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZV321KSTR-E1 Arkusz danych(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Numer części AZV321KSTR-E1
Szczegółowy opis  SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Strona internetowa  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV321KSTR-E1 Arkusz danych(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV321KSTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV321KSTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV321KSTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV321KSTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV321KSTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV321KSTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV321KSTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV321KSTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV321KSTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
7
May. 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
7
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 8. Short Circuit Current_ISINK vs. Temperature Figure 9. Short Circuit Current_ISOURCE vs. Temperature
Figure 10. Output Voltage vs.Source Current
Figure 11. Output Voltage vs. Sink Current
Typical Performance Characteristics (Continued)
0.1
1
10
100
0.1
1
5
V
CC=5V,VEE=0V
R
L to VEE
Source Current (mA)
0.01
0.1
1
10
100
0.1
1
5
V
CC=5V
V
EE=0V
Sink Current (mA)
-40
-20
0
204060
80
0
20
40
60
80
100
120
140
160
180
200
V
EE=0
V
O short to VCC
V
CC=5V
V
CC=2.7V
Temperature (
OC)
-40
-20
0
2040
6080
0
10
20
30
40
50
60
70
80
90
100
V
EE=0
V
O short to VEE
V
CC=5V
V
CC=2.7V
Temperature (
OC)


Podobny numer części - AZV321KSTR-E1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AZV321KSTR-E1 BCDSEMI-AZV321KSTR-E1 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321KSTR-E1 BCDSEMI-AZV321KSTR-E1 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321KSTR-E1 DIODES-AZV321KSTR-E1 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
More results

Podobny opis - AZV321KSTR-E1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AZV321 BCDSEMI-AZV321 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_01 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV331 BCDSEMI-AZV331_10 Datasheet
787Kb / 14P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321 DIODES-AZV321 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Unisonic Technologies
LV321 UTC-LV321_11 Datasheet
520Kb / 11P
   SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMV358A TI1-LMV358A Datasheet
1Mb / 29P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
LMV358A TI1-LMV358A_17 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com