Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX2245WM Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74VCX2245WM
Szczegółowy opis  Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX2245WM Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74VCX2245WM Datasheet HTML 1Page - Fairchild Semiconductor 74VCX2245WM Datasheet HTML 2Page - Fairchild Semiconductor 74VCX2245WM Datasheet HTML 3Page - Fairchild Semiconductor 74VCX2245WM Datasheet HTML 4Page - Fairchild Semiconductor 74VCX2245WM Datasheet HTML 5Page - Fairchild Semiconductor 74VCX2245WM Datasheet HTML 6Page - Fairchild Semiconductor 74VCX2245WM Datasheet HTML 7Page - Fairchild Semiconductor 74VCX2245WM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (Note 8)
Note 8: For CL 50 pF, add approximately 300 ps to the AC maximum specification.
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
Figure
(V)
Min
Max
Number
tPHL
Propagation Delay
CL 30 pF, RL 500:
3.3
r 0.3
0.6
3.5
ns
Figures
1, 2
tPLH
Bn to An
2.5
r 0.2
0.8
4.2
1.8
r 0.15
1.5
8.4
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
16.8
Figures
5, 6
tPZL
Output Enable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.6
4.5
ns
Figures
1, 3, 4
tPZH
Bn to An
2.5
r 0.2
0.8
5.6
1.8
r 0.15
1.5
9.8
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
19.6
Figures
5, 7, 8
tPLZ
Output Disable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.6
3.6
ns
Figures
1, 3, 4
tPHZ
Bn to An
2.5
r 0.2
0.8
4.0
1.8
r 0.15
1.5
7.2
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
14.4
Figures
5, 7, 8
tOSHL
Output to Output Skew
CL 30 pF, RL 500:
3.3
r 0.3
0.5
ns
tOSLH
(Note 9)
2.5
r 0.2
0.5
1.8
r 0.15
0.75
CL 15 pF, RL 2k:
1.5
r 0.1
1.5
tPHL
Propagation Delay
CL 30 pF, RL 500:
3.3
r 0.3
0.6
4.4
ns
Figures
1, 2
tPLH
An to Bn
2.5
r 0.2
0.8
5.6
1.8
r 0.15
1.5
9.8
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
19.6
Figures
5, 6
tPZL
Output Enable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.6
5.0
ns
Figures
1, 3, 4
tPZH
An to Bn
2.5
r 0.2
0.8
6.6
1.8
r 0.15
1.5
9.8
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
19.6
Figures
5, 7, 8
tPLZ
Output Disable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.6
4.2
ns
Figures
1, 3, 4
tPHZ
An to Bn
2.5
r 0.2
0.8
4.7
1.8
r 0.15
1.5
8.5
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
16.9
Figures
5, 7, 8


Podobny numer części - 74VCX2245WM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCX2245WM FAIRCHILD-74VCX2245WM Datasheet
596Kb / 12P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
74VCX2245WMX FAIRCHILD-74VCX2245WMX Datasheet
596Kb / 12P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
More results

Podobny opis - 74VCX2245WM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ALVC2245 FAIRCHILD-74ALVC2245 Datasheet
85Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74ALVC2245 FAIRCHILD-74ALVC2245_05 Datasheet
105Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
596Kb / 12P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245 Datasheet
107Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74ALVC162245 FAIRCHILD-74ALVC162245 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in A Port Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245_08 Datasheet
310Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
80Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com