Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX32244 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74VCX32244
Szczegółowy opis  Low Voltage 32-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX32244 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74VCX32244 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX32244 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX32244 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX32244 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX32244 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX32244 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX32244 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX32244 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX32244 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 7: Outputs disabled or 3-STATE only.
AC Electrical Characteristics (Note 8)
Note 8: For CL = 50PF, add approximately 300 ps to the AC maximum specification.
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VOL
LOW Level Output Voltage
IOL = 100 µA
2.7 - 3.6
0.2
V
IOL = 12 mA
2.7
0.4
IOL = 18 mA
3.0
0.4
IOL = 24 mA
3.0
0.55
IOL = 100 µA
2.3 - 2.7
0.2
IOL = 12 mA
2.3
0.4
IOL = 18 mA
2.3
0.6
IOL = 100 µA
1.65 - 2.3
0.2
IOL = 6 mA
1.65
0.3
IOL = 100 µA
1.4 - 1.6
0.2
IOL = 2 mA
1.4
0.35
IOL = 100 µA
1.2
0.05
II
Input Leakage Current
0
≤ V
I ≤ 3.6V
1.2 - 3.6
±5.0
µA
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 3.6V
1.2 - 3.6
±10
µA
VI = VIH or VIL
IOFF
Power-OFF Leakage Current
0
≤ (V
I, VO) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
1.2 - 3.6
40
µA
VCC ≤ (VI, VO) ≤ 3.6V (Note 7)
1.2 - 3.6
±40
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.7 - 3.6
750
µA
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
Figure
(V)
Min
Max
Number
tPHL,
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
2.5
ns
Figures
1, 2
tPLH
2.5
± 0.2
1.0
3.0
1.8
± 0.15
1.5
6.0
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
12.0
Figures
5, 6
1.2
1.5
30
tPZL,
Output Enable Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
3.5
ns
Figures
1, 3, 4
tPZH
2.5
± 0.2
1.0
4.1
1.8
± 0.15
1.5
8.2
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
16.4
Figures
5, 6, 7
1.2
1.5
41
tPLZ,
Output Disable Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
3.5
Figures
1, 3, 4
tPHZ
2.5
± 0.2
1.0
3.8
1.8
± 0.15
1.5
6.8
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
13.6
Figures
5, 7, 8
1.2
1.5
34


Podobny numer części - 74VCX32244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCX32245 FAIRCHILD-74VCX32245 Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
74VCX32245GX FAIRCHILD-74VCX32245GX Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
More results

Podobny opis - 74VCX32244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCX16827 FAIRCHILD-74VCX16827 Datasheet
55Kb / 7P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16244 FAIRCHILD-74ALVC16244 Datasheet
117Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16244 FAIRCHILD-74VCX16244 Datasheet
52Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16827 FAIRCHILD-74ALVC16827 Datasheet
76Kb / 6P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
International Rectifier
74VCX16827 IRF-74VCX16827_02 Datasheet
107Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74VCX16827 FAIRCHILD-74VCX16827_02 Datasheet
107Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16240 FAIRCHILD-74VCX16240 Datasheet
52Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16240 FAIRCHILD-74ALVC16240 Datasheet
99Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16240 FAIRCHILD-74VCX16240_05 Datasheet
155Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74LCX32244 FAIRCHILD-74LCX32244 Datasheet
107Kb / 7P
   Low Voltage 32-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com