Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX32373GX Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74VCX32373GX
Szczegółowy opis  Low Voltage 32-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs (Preliminary)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX32373GX Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74VCX32373GX Datasheet HTML 1Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 2Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 3Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 4Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 5Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 6Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 7Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary
© 2001 Fairchild Semiconductor Corporation
DS500567
www.fairchildsemi.com
February 2001
Revised August 2001
74VCX32373
Low Voltage 32-Bit Transparent Latch
with 3.6V Tolerant Inputs and Outputs (Preliminary)
General Description
The VCX32373 contains thirty-two non-inverting latches
with 3-STATE outputs and is intended for bus oriented
applications. The device is byte controlled. The flip-flops
appear to be transparent to the data when the Latch enable
(LE) is HIGH. When LE is LOW, the data that meets the
setup time is latched. Data appears on the bus when the
Output Enable (OE) is LOW. When OE is HIGH, the out-
puts are in a high impedance state.
The 74VCX32373 is designed for low voltage (1.65V to
3.6V) VCC applications with I/O compatibility up to 3.6V.
The 74VCX32373 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing low CMOS power dissipation.
Features
s 1.65V–3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s tPD (In to On)
3.0 ns max for 3.0V to 3.6V VCC
3.4 ns max for 2.3V to 2.7V VCC
6.8 ns max for 1.65V to 1.95V VCC
s Power-off high impedance inputs and outputs
s Support live insertion and withdrawal (Note 1)
s Static Drive (IOH/IOL)
±24 mA @ 3.0V V
CC
±18 mA @ 2.3V V
CC
±6 mA @ 1.65V V
CC
s Uses patented noise/EMI reduction circuitry
s Latch-up performance exceeds 300 mA
s ESD performance:
Human body model
> 2000V
Machine model
> 200V
s Packaged in plastic Fine-Pitch Ball Grid Array (FBGA)
Note 1: To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; the minimum
value of the resistor is determined by the current-sourcing capability of the
driver.
Ordering Code:
Note 2: BGA package available in Tape and Reel only.
Logic Symbol
Ordering Number Package Number
Package Description
74VCX32373GX
(Note 2)
BGA96A
96-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[TAPE and REEL]


Podobny numer części - 74VCX32373GX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCX32374 FAIRCHILD-74VCX32374 Datasheet
128Kb / 9P
   Low Voltage 32-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
74VCX32374G FAIRCHILD-74VCX32374G Datasheet
128Kb / 9P
   Low Voltage 32-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
More results

Podobny opis - 74VCX32373GX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCX32373 FAIRCHILD-74LCX32373 Datasheet
252Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 5V Tolerant Inputs and Outputs Preliminary
74VCX16841 FAIRCHILD-74VCX16841 Datasheet
65Kb / 7P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74ALVC16373 FAIRCHILD-74ALVC16373 Datasheet
124Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74ALVC16841 FAIRCHILD-74ALVC16841 Datasheet
95Kb / 6P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16841 FAIRCHILD-74VCX16841_04 Datasheet
146Kb / 9P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX32245 FAIRCHILD-74VCX32245 Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
74VCX162373 FAIRCHILD-74VCX162373_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com