Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX32500 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74VCX32500
Szczegółowy opis  Low Voltage 36-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX32500 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74VCX32500 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX32500 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX32500 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX32500 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX32500 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX32500 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX32500 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX32500 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX32500 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 10: Outputs disabled or 3-STATE only.
AC Electrical Characteristics (Note 11)
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VOL
LOW Level Output Voltage
IOL = 100 µA
2.7 - 3.6
0.2
V
IOL = 12 mA
2.7
0.4
IOL = 18 mA
3.0
0.4
IOL = 24 mA
3.0
0.55
IOL = 100 µA
2.3 - 2.7
0.2
IOL = 12 mA
2.3
0.4
IOL = 18 mA
2.3
0.6
IOL = 100 µA
1.65 - 2.3
0.2
IOL = 6 mA
1.65
0.3
IOL = 100 µA
1.4 - 1.6
0.2
IOL = 2 mA
1.4
0.35
II
Input Leakage Current
0V
≤ V
I ≤ 3.6V
1.4 - 3.6
±5.0
µA
IOZ
3-STATE Output Leakage
0V
≤ V
O ≤ 3.6V
1.4 - 3.6
±10.0
µA
VI = VIH or VIL
IOFF
Power Off Leakage Current
0V
≤ (V
I, VO) ≤ 3.6V
0
10.0
µA
ICC
Quiescent Supply Current
VI = VCC or GND
1.4 - 3.6
40.0
µA
VCC ≤ (VI, VO) ≤ 3.6V (Note 10)
1.4 - 3.6
±40.0
∆I
CC
Increase in ICC per Input
VIH = VCC − 0.6V
2.7 - 3.6
750
µA
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
Figure
(V)
Min
Max
Number
fMAX
Setup Time
CL = 30 pF
3.3
± 0.3
250
MHz
2.5
± 0.2
200
1.8
± 0.15
100
CL = 15 pF
1.5
± 0.1
80.0
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.6
2.7
ns
Figures 1,
2
tPLH
Bus-to-Bus
2.5
± 0.2
0.8
3.5
1.8
± 0.15
1.5
7.0
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
14.0
Figures 7,
8
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.6
4.2
ns
Figures 1,
2
tPLH
Clock-to-Bus
2.5
± 0.2
0.8
5.3
1.8
± 0.15
1.5
9.8
CL = 15 pF, RL = 500Ω
1.5
± 0.1
1.0
19.6
Figures 7,
8
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.6
3.8
ns
Figures 1,
2
tPLH
LE-to-Bus
2.5
± 0.2
0.8
4.9
1.8
± 0.15
1.5
9.8
CL = 15 pF, RL = 500Ω
1.5
± 0.1
1.0
19.6
Figures 7,
8
tPZL
Output Enable Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.6
3.8
ns
Figures 1,
3, 4
tPZH
2.5
± 0.2
0.8
4.9
1.8
± 0.15
1.5
9.8
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
19.6
Figures 7,
9, 10
tPLZ
Output Disable Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.6
3.7
ns
Figures 1,
3, 4
tPHZ
2.5
± 0.2
0.8
4.2
1.8
± 0.15
1.5
7.6
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
15.2
Figures 7,
9, 10


Podobny numer części - 74VCX32500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCX32500G FAIRCHILD-74VCX32500G Datasheet
74Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
More results

Podobny opis - 74VCX32500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16601 FAIRCHILD-74ALVC16601 Datasheet
100Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16500 FAIRCHILD-74VCX16500 Datasheet
61Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501 Datasheet
60Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16501 FAIRCHILD-74ALVC16501 Datasheet
84Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16601 FAIRCHILD-74VCX16601 Datasheet
59Kb / 11P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74LCX32500 FAIRCHILD-74LCX32500 Datasheet
85Kb / 8P
   Low Voltage 36-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT Datasheet
423Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com